Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS709 Datasheet (PDF) - Texas Instruments

TPS709 Datasheet PDF - Texas Instruments
Part # TPS709
Download  TPS709 Download
File Size   1948.91 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS709-Q1 Automotive, 150mA, 30V, 1μA IQ Voltage Regulator With Enable

TPS709 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS709 Datasheet PDF - Texas Instruments

Part # TPS709
Download  TPS709 Click to download

File Size   1948.91 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS709-Q1 Automotive, 150mA, 30V, 1μA IQ Voltage Regulator With Enable

TPS709 Datasheet (HTML) - Texas Instruments


TPS709 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to 125°C, TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Input voltage range: 2.7V to 30V
• Ultra-low IQ: 1μA
• Reverse current protection
• Low ISHUTDOWN: 150nA
• Supports 200mA peak output
• 2% accuracy over temperature
• Available in fixed-output voltages:
1.2V to 6.5V
• Thermal shutdown and overcurrent protection
• Packages: SOT-23-5, WSON-6

2 Applications
• Automotive
• Infotainment
• Body control modules
• Navigation systems

3 Description
The TPS709-Q1 series of linear regulators are ultralow,
quiescent current devices designed for powersensitive
applications. A precision band-gap and error
amplifier provides 2% accuracy over temperature.
Quiescent current of only 1μA makes these devices
designed for battery-powered, always-on systems that
require very little idle-state power dissipation. These
devices have thermal-shutdown, current-limit, and
reverse-current protections for added safety.
These regulators can be put into shutdown mode by
pulling the EN pin low. The shutdown current in this
mode goes down to 150nA, typical.
The TPS709-Q1 series is available in WSON-6 and
SOT-23-5 packages.




Similar Part No. - TPS709

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 34P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 32P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 34P
150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 36P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results


Similar Description - TPS709

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
150mA Low Noise LDO Voltage Regulator with Enable Function
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
logo
Texas Instruments
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com