Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27531DBVR Datasheet (PDF) - Texas Instruments

UCC27531DBVR Datasheet PDF - Texas Instruments
Part # UCC27531DBVR
Download  UCC27531DBVR Download
File Size   1546.36 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2753x 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver

UCC27531DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27531DBVR Datasheet PDF - Texas Instruments

Part # UCC27531DBVR
Download  UCC27531DBVR Click to download

File Size   1546.36 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2753x 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver

UCC27531DBVR Datasheet (HTML) - Texas Instruments


UCC27531DBVR Product details

1 Features
1• Low-cost gate driver (offering optimal solution for
driving FET and IGBTs)
• Superior replacement to discrete transistor pair
drive (providing easy interface with controller)
• TTL and CMOS compatible input logic threshold
(independent of supply voltage)
• Split output options allow for tuning of turnon and
turnoff currents
• Inverting and noninverting input configurations
• Enable with fixed TTL compatible threshold
• High 2.5-A source and 2.5-A or 5-A sink peak
drive currents at 18-V VDD
• Wide VDD range from 10 V to 35 V
• Input and enable pins capable of with standing up
to –5-V DC below ground
• Output held low when inputs are floating or during
VDD UVLO
• Fast propagation delays (17-ns Typical)
• Fast rise and fall times
(15-ns and 7-ns typical with 1800-pF Load)
• Undervoltage lockout (UVLO)
• Used as a high-side or low-side driver (if designed
with proper bias and signal isolation)
• Low-cost, space-saving 5-pin or 6-pin DBV (SOT-
23) package options
• UCC27536 and UCC27537 pin-to-pin compatible
to TPS2828 and TPS2829
• Operating temperature range of –40°C to 140°C

2 Applications
• Switched-mode power supplies
• DC-to-DC converters
• Solar inverters, motor control, UPS
• HEV and EV chargers
• Home appliances
• Renewable energy power conversion
• SiC FET converters

3 Description
The UCC2753x single-channel, high-speed gate
drivers can effectively drive MOSFET and IGBT
power switches. Using a design that allows for a
source of up to 2.5 A and 5-A sink through
asymmetrical drive (split outputs), coupled with the
ability to support a negative turn-off bias, rail-to-rail
drive capability, extremely small propagation delay
(17 ns typical), the UCC2753x devices are ideal
solutions for MOSFET and IGBT power switches. The
UCC2753x family of devices can also support enable,
dual input, and inverting and non-inverting input
functionality. The split outputs and strong
asymmetrical drive boost the devices immunity
against parasitic Miller turn-on effect and can help
reduce ground debouncing.




Similar Part No. - UCC27531DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531DBVR TI1-UCC27531DBVR Datasheet
450Kb / 23P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531DBVR TI-UCC27531DBVR Datasheet
1Mb / 37P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531DBVR TI1-UCC27531DBVR Datasheet
1Mb / 45P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results


Similar Description - UCC27531DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27537DBVR TI-UCC27537DBVR Datasheet
1Mb / 37P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI1-UCC27531_15 Datasheet
1Mb / 45P
2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
Widebody 2.5 A IGBT and MOSFET Driver
26-Sep-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com