Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2201864-2 Datasheet (PDF) - TE Connectivity Ltd

2201864-2 Datasheet PDF - TE Connectivity Ltd
Part # 2201864-2
Download  2201864-2 Download
File Size   150.77 Kbytes
Page   7 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description INDUSTRIAL MINI I/O CONNECTOR

2201864-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201864-2 Datasheet PDF - TE Connectivity Ltd

Part # 2201864-2
Download  2201864-2 Click to download

File Size   150.77 Kbytes
Page   7 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description INDUSTRIAL MINI I/O CONNECTOR

2201864-2 Datasheet (HTML) - TE Connectivity Ltd


2201864-2 Product details

Key Features
• Small form factor reduces PCB area and equipment height
• High board retention and metal latch prevents unnecessary disconnections
• Improved coplanarity and LCP materials allow for the latest assembly
process technologies
• Two unique interfaces (Type 1 and Type 2) prevent unwanted mismating
• Stable connections are guaranteed by the optimized signal path design,
360 degrees shielding and a contact system with double contact point

Industrial Mini I/O Cable Assemblies
TE offers a broad range of Industrial Mini I/O cable assemblies. Not
only Mini-I/O to Mini-I/O but also connectivity to the RJ45 is offered.
Various cable types covers a broad range of application needs from high
temperatures to high flexible for drag chains.

Applications
• Industrial Communications
• PLCs
• Motion & Drives
• Robotics

Mechanical
• Operating Temperature: -40 °C ~ +85 °C
• Durability: 1500 Cycles
• Cable retention force: 100N.

Electrical
• 60 V rated
• Current rating: > 1 A
Materials
• Shell: Copper alloy
• Contact: Copper alloy
• Housing: Thermoplastic

Standards and Specifications
• Up to Cat6A performance in an Ethernet
Environment
• Product specification: 108-78405
• Application specification: 114-5431

Product Dimensions
• SMT Type (mm): 15.85 x 7.4 x 11.41




Similar Part No. - 2201864-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2201864-2 TEC-2201864-2 Datasheet
150Kb / 7P
INDUSTRIAL MINI I/O CONNECTOR
More results


Similar Description - 2201864-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC OMRON-G3TC Datasheet
1Mb / 14P
Solid State Relays for Industrial I/O
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
Solid State Relays for Industrial I/O
logo
Tyco Electronics
2013595 MACOM-2013595 Datasheet
73Kb / 1P
INDUSTRIAL MINI I/O PLUG CONNECTOR KIT D-SHAPE TYPE I
logo
Tripp Lite. All Rights ...
RELAYIOMINI TRIPPLITE-RELAYIOMINI Datasheet
507Kb / 2P
3 Relay I-O Mini-module
logo
Red Lion Controls. Inc
ET-8AI2-4AO2 REDLION-ET-8AI2-4AO2 Datasheet
516Kb / 1P
Industrial Ethernet I/O Module
ET-4RTD-4DI2 REDLION-ET-4RTD-4DI2 Datasheet
740Kb / 1P
Industrial Ethernet I/O Module
logo
TE Connectivity Ltd
C-2201855 TEC-C-2201855 Datasheet
337Kb / 1P
INDUSTRIAL MINI I/O PIERCING PLUG CONNECTOR KIT
C-2201864 TEC-C-2201864 Datasheet
311Kb / 1P
INDUSTRIAL MINI I/O PIERCING REC CONNECTOR KIT
logo
Maxim Integrated Produc...
MAX22000EVKIT MAXIM-MAX22000EVKIT Datasheet
2Mb / 30P
Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
logo
Advantech Co., Ltd.
WISE-4610 ADVANTECH-WISE-4610_V02 Datasheet
706Kb / 3P
Advanced Industrial LoRa/LoRaWAN Wireless I/O Module
7-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com