Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28700 Datasheet (PDF) - Texas Instruments

UCC28700 Datasheet PDF - Texas Instruments
Part # UCC28700
Download  UCC28700 Download
File Size   1543.48 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation

UCC28700 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28700 Datasheet PDF - Texas Instruments

Part # UCC28700
Download  UCC28700 Click to download

File Size   1543.48 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation

UCC28700 Datasheet (HTML) - Texas Instruments


UCC28700 Product details

1 Features
1• < 30-mW No-Load Power for 5-Star Rating
• Primary-Side Regulation (PSR) Eliminates Opto-
Coupler
• ±5% Voltage and Current Regulation
• 130-kHz Maximum Switching Frequency Enables
High-Power Density Charger Designs
• Quasi-Resonant Valley-Switching Operation for
Highest Overall Efficiency
• Patent-Pending Frequency-Jitter Scheme to Ease
EMI Compliance
• Wide VDD Range Allows Small Bias Capacitor
• Clamped Gate-Drive Output for MOSFET
• Protection Functions: Overvoltage, Low-Line, and
Overcurrent
• Programmable Cable Compensation (UCC28700
Only)
• NTC Resistor Interface (UCC28701, UCC28702
and UCC28703 Only) With Fixed Cable
Compensation Options
• SOT-23 Package

2 Applications
• USB-Compliant Adapters and Chargers for
Consumer Electronics (Cell Phones, Tablets and
Cameras)
• AC and DC Power Supplies

3 Description
The UCC28700 family of flyback power supply
controllers provides Constant-Voltage (CV) and Constant-Current (CC) output regulation without the
use of an optical coupler. The devices process
information from the primary power switch and an
auxiliary flyback winding for precise control of output
voltage and current. Low start-up current, dynamically
controlled operating states and a tailored modulation
profile support very low standby power without
sacrificing start-up time or output transient response.
Control algorithms in the UCC28700 family allow
operating efficiencies to meet or exceed applicable
standards. The output drive interfaces to a MOSFET
power switch. Discontinuous Conduction Mode
(DCM) with valley switching reduces switching losses.
Modulation of switching frequency and primary current peak amplitude (FM and AM) keeps the
conversion efficiency high across the entire load and
line ranges.
The controllers have a maximum switching frequency
of 130 kHz and always maintain control of the peak-
primary current in the transformer. Protection features
help keep primary and secondary component
stresses in check. The UCC28700 allows the level of
cable compensation to be programmed. The UCC28701, UCC28702, and UCC28703 devices
allow remote temperature sensing using a Negative
Temperature Coefficient (NTC) resistor while
providing fixed cable-compensation levels.




Similar Part No. - UCC28700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700 Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results


Similar Description - UCC28700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com