Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7242 Datasheet (PDF) - Texas Instruments

UCD7242 Datasheet PDF - Texas Instruments
Part # UCD7242
Download  UCD7242 Download
File Size   1706.82 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Dual Synchronous-Buck Power Driver

UCD7242 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCD7242 Datasheet PDF - Texas Instruments

Part # UCD7242
Download  UCD7242 Click to download

File Size   1706.82 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Dual Synchronous-Buck Power Driver

UCD7242 Datasheet (HTML) - Texas Instruments


UCD7242 Product details

1FEATURES
• Fully Integrated Power Switches With Drivers
for Dual Synchronous Buck Converters
• Full Compatibility With TI Fusion Digital Power
Supply Controllers, Such as the UCD92xx
Family
• Wide Input Voltage Range: 4.75 V to 18 V
Operational Down to 2.2 V Input With an
External Bias Supply
• Up to 10A Output Current per Channel
• Operational to 2 MHz Switching Frequency
• High Side Current Limit With Current Limit
Flag
• Onboard Regulated 6 V Driver Supply From VIN
• Thermal Protection
• Temperature Sense Output – Voltage
Proportional to Chip Temperature
• UVLO and OVLO Circuits Ensure Proper Drive
Voltage
• Rated From –40°C to 125°C Junction
Temperature
• RoHS Compliant
• Accurate On-Die Current Sensing (±5%)

APPLICATIONS
• Digitally-Controlled Synchronous-Buck Power
Stages
• High Current Dual-Phase VRM/EVRD
Regulators for Desktop, Server, Telecom and
Notebook Processors

DESCRIPTION
The UCD7242 is a complete power system ready to drive two independent buck power supplies (see Figure 1).
High side MOSFETs, low side MOSFETs, drivers, current sensing circuitry and necessary protection functions
are all integrated into one monolithic solution to facilitate minimum size and maximum efficiency. Driver circuits
provide high charge and discharge current for the high-side NMOS switch and the low-side NMOS synchronous
rectifier in a synchronous buck circuit. The MOSFET gates are driven to +6.25 V by an internally regulated VGG
supply. The internal VGG regulator can be disabled to permit the user to supply an independent gate drive
voltage. This flexibility allows a wide power conversion input voltage range of 2.2V to 18V. Internal under voltage
lockout (UVLO) logic ensures VGG is good before allowing chip operation.
The synchronous rectifier enable (SRE) pin controls whether or not the low-side MOSFET is turned on when the
PWM signal is low. When SRE is high the part operates in continuous conduction mode for all loads. In this
mode the drive logic block uses the PWM signal to control both the high-side and low-side gate drive signals.
Dead time is also optimized to prevent cross conduction. When SRE is low, the part operates in discontinuous
conduction mode at light loads. In this mode the low-side MOSFET is always held off.




Similar Part No. - UCD7242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242 TI-UCD7242 Datasheet
1Mb / 32P
Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 33P
Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 35P
Digital Dual Synchronous-Buck Power Driver
UCD7242 TI1-UCD7242 Datasheet
2Mb / 36P
Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
2Mb / 36P
Digital Dual Synchronous-Buck Power Driver
More results


Similar Description - UCD7242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9112 TI-UCD9112 Datasheet
1Mb / 29P
DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
UCD7242 TI-UCD7242 Datasheet
1Mb / 32P
Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242_10 Datasheet
1Mb / 33P
Digital Dual Synchronous-Buck Power Driver
UCD7242_101 TI-UCD7242_101 Datasheet
1Mb / 35P
Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
2Mb / 36P
Digital Dual Synchronous-Buck Power Driver
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Texas Instruments
UCD9112 TI1-UCD9112_16 Datasheet
886Kb / 27P
Digital Dual-Phase Synchronous Buck Controller
UCD7242-EP TI1-UCD7242-EP_16 Datasheet
1Mb / 36P
Digital Dual Synchronous-Buck Power Driver
UCD7242 TI1-UCD7242_17 Datasheet
2Mb / 36P
Digital Dual Synchronous-Buck Power Driver
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com