Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906218 Datasheet (PDF) - PHOENIX CONTACT

2906218 Datasheet PDF - PHOENIX CONTACT
Part # 2906218
Download  2906218 Download
File Size   415.93 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CABLE-D-37SUB/F/OE/0,25/S/15M - Cable

2906218 Datasheet (PDF)

Go To PDF Page Download Datasheet
2906218 Datasheet PDF - PHOENIX CONTACT

Part # 2906218
Download  2906218 Click to download

File Size   415.93 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CABLE-D-37SUB/F/OE/0,25/S/15M - Cable

2906218 Datasheet (HTML) - PHOENIX CONTACT


2906218 Product details

Assembled shielded round cable; connection 1: Single wires (37-position) (The wires are marked
and fitted with ferrules. The braided shield is routed to a separate cable end.); connection 2: DSUB
socket strip (1x 37-position); cable length: 15 m




Similar Part No. - 2906218

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906212 PHOENIX-2906212 Datasheet
94Kb / 6P
Drawn section panel mounting base, with a constructional width of 108 mm and a fixed length of 200 cm
2906213 PHOENIX-2906213 Datasheet
79Kb / 5P
Single relay - REL-MR-24DC/21-21/ATEX
2906217 PHOENIX-2906217 Datasheet
415Kb / 7P
CABLE-D-37SUB/F/OE/0,25/S/10M - Cable
2906219 PHOENIX-2906219 Datasheet
415Kb / 7P
CABLE-D-37SUB/F/OE/0,25/S/20M - Cable
More results


Similar Description - 2906218

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926328 PHOENIX-2926328 Datasheet
78Kb / 3P
CABLE-D-50SUB/F/OE/0,25/S/2,0M
2903395 PHOENIX-2903395 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/ 1,0M
2903400 PHOENIX-2903400 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/10,0M
2903401 PHOENIX-2903401 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/15,0M
2903402 PHOENIX-2903402 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/20,0M
2904077 PHOENIX-2904077 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 2,5M
1417333 PHOENIX-1417333 Datasheet
305Kb / 7P
Network cable - VS-OE-OE-94B
2305350 PHOENIX-2305350 Datasheet
85Kb / 7P
Cable - CABLE-FLK50/OE/0,14/ 100
09/12/2020
logo
ATGBICS by Approved Tec...
AOC-S-S-10G-15M-C ATGBICS-AOC-S-S-10G-15M-C Datasheet
398Kb / 6P
AOC-S-S-10G-15M Arista Compatible Active Optical Cable 10G SFP (15m)
AOC-S-S-25G-15M-C ATGBICS-AOC-S-S-25G-15M-C Datasheet
272Kb / 6P
AOC-S-S-25G-15M Arista Compatible Active Optical Cable 25G SFP28 (15m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com