Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA134PA Datasheet (PDF) - Texas Instruments

OPA134PA Datasheet PDF - Texas Instruments
Part # OPA134PA
Download  OPA134PA Download
File Size   1413.45 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers

OPA134PA Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA134PA Datasheet PDF - Texas Instruments

Part # OPA134PA
Download  OPA134PA Click to download

File Size   1413.45 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers

OPA134PA Datasheet (HTML) - Texas Instruments


OPA134PA Product details

1 Features
• Excellent sound quality
• Ultra-low distortion: 0.00008%
• Low noise: 8nV/√Hz
• True FET-input: IB = 5pA
• High speed:
– Slew rate: 20V/μs
– Bandwidth: 8MHz
• High open-loop gain: 120dB (2kΩ)
• Wide supply range: ±2.5V to ±18V
• Single, dual, and quad versions

2 Applications
• Professional audio and music
• Line drivers
• Line receivers
• Multimedia audio
• Active filters
• Preamplifiers
• Integrators
• Crossover networks

3 Description
The OPA134, OPA2134, and OPA4134 (OPAx134)
series are ultra-low distortion, low-noise operational
amplifiers fully specified for audio applications. A
true FET input stage is incorporated to provide
excellent sound quality and speed for exceptional
audio performance. This feature, in combination
with high output drive capability and excellent dc
performance, allows for use in a wide variety of
demanding applications. In addition, the OPAx134
series has a wide output swing, to within 1V of the
rails, allowing increased headroom and making these
devices an excellent choice for use in any audio
circuit.
The OPAx134 SoundPlus™ audio operational
amplifiers are easy to use and free from phaseinversion
and the overload problems often found
in common FET-input operational amplifiers. The
devices can be operated from ±2.5V to ±18V power
supplies. Input cascode circuitry provides excellent
common-mode rejection and maintains low input bias
current over the wide input voltage range, minimizing
distortion. The OPAx134 series operational amplifiers
are unity-gain stable and provide excellent dynamic
behavior over a wide range of load conditions,
including high load capacitance. The dual and quad
versions feature completely independent circuitry for
lowest crosstalk and freedom from interaction, even
when overdriven or overloaded.
Single and dual versions are available in 8-pin
DIP and SO-8 surface-mount packages in standard
configurations. The quad is available in SO-14
surface-mount package. All are specified for –40°C
to +85°C operation. A SPICE macromodel is available
for design analysis.




Similar Part No. - OPA134PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134PA BURR-BROWN-OPA134PA Datasheet
327Kb / 9P
High Performance AUDIO OPERATIONAL AMPLIFIERS TM
OPA134PA BURR-BROWN-OPA134PA Datasheet
307Kb / 12P
High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134PA BURR-BROWN-OPA134PA Datasheet
403Kb / 14P
High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134PA BURR-BROWN-OPA134PA Datasheet
432Kb / 14P
High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA134PA TI2-OPA134PA Datasheet
1Mb / 35P
OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
REVISED NOVEMBER 2024
More results


Similar Description - OPA134PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
High Performance AUDIO OPERATIONAL AMPLIFIERS TM
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
High Performance Audio Operational Amplifiers
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com