Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65EPT21 Datasheet (PDF) - Texas Instruments

SN65EPT21 Datasheet PDF - Texas Instruments
Part # SN65EPT21
Download  SN65EPT21 Download
File Size   544.12 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V Differential PECL/LVDS to TTL Translator

SN65EPT21 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65EPT21 Datasheet PDF - Texas Instruments

Part # SN65EPT21
Download  SN65EPT21 Click to download

File Size   544.12 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V Differential PECL/LVDS to TTL Translator

SN65EPT21 Datasheet (HTML) - Texas Instruments


SN65EPT21 Product details

1FEATURES
• 1 ns Propagation Delay
• Fmax > 300MHz
• Operating Range: VCC = 3.0 V to 3.6 V with
GND = 0 V
• 24-mA TTL Output
• Built-In Temperature Compensation
• Drop-In Compatible to the MC10EPT21,
MC100EPT21

APPLICATIONS
• Data and Clock Transmission Over Backplane
• Signaling Level Conversion for Clock or Data

DESCRIPTION
The SN65EPT21 is a differential PECL-to-TTL
translator. It operates on +3.3 V supply and ground
only. The device includes circuitry to maintain inputs
at Vcc/2 when left open.
The VBB pin is a reference voltage output for the
device. When the device is used in single-ended
mode, the unused input should be tied to VBB. This
reference voltage can also be used to bias the input
when it is ac coupled. When it is used, place a
0.01μF decoupling capacitor between VCC and VBB.
Also limit the sink/source current to < 0.5 mA to VBB.
Leave VBB open when it is not used.
The SN65EPT21 is housed in an industry standard
SOIC-8 package and is also available in an optional
TSSOP-8 package.




Similar Part No. - SN65EPT21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT21 TI-SN65EPT21 Datasheet
219Kb / 10P
3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21 TI-SN65EPT21 Datasheet
391Kb / 12P
3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21 TI2-SN65EPT21 Datasheet
543Kb / 18P
3.3-V Differential PECL/LVDS to TTL Translator
NOVEMBER 2009
SN65EPT21D TI-SN65EPT21D Datasheet
219Kb / 10P
3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21D TI-SN65EPT21D Datasheet
391Kb / 12P
3.3-V Differential PECL/LVDS to TTL Translator
More results


Similar Description - SN65EPT21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
5-V TTL-to-Differential PECL Translator
SN65EPT21 TI-SN65EPT21 Datasheet
219Kb / 10P
3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21 TI-SN65EPT21_10 Datasheet
391Kb / 12P
3.3-V Differential PECL/LVDS to TTL Translator
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
5-V TTL-to-Differential PECL Translator
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com