Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD047DR.B Datasheet (PDF) - Texas Instruments

SN65MLVD047DR.B Datasheet PDF - Texas Instruments
Part # SN65MLVD047DR.B
Download  SN65MLVD047DR.B Download
File Size   512.46 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER

SN65MLVD047DR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD047DR.B Datasheet PDF - Texas Instruments

Part # SN65MLVD047DR.B
Download  SN65MLVD047DR.B Click to download

File Size   512.46 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER

SN65MLVD047DR.B Datasheet (HTML) - Texas Instruments


SN65MLVD047DR.B Product details

FEATURES
· Differential Line Drivers for 30-W to 55-W
Loads and Data Rates(1) Up to 200 Mbps,
Clock Frequencies up to 100 MHz
· Supports Multipoint Bus Architectures
· Operates from a Single 3.3-V Supply
· Characterized for Operation from –40°C to
85°C
· 16-Pin SOIC (JEDEC MS-012) and 16-Pin
TSSOP (JEDEC MS-153) Packaging

APPLICATIONS
· Clock Distribution
· Backplane or Cabled Multipoint Data Trans-
mission in Telecommunications, Automotive,
Industrial, and Other Computer Systems
· Cellular Base Stations
· Central-Office and PBX Switching
· Bridges and Routers
· Low-Power High-Speed Short-Reach Alternative
to TIA/EIA-485(1)
(1) The data rate of a line is the number of voltage transitions that
are made per second expressed in the units bps (bits per
second).

DESCRIPTION
The SN65MLVD047 is a quadruple line driver. The
output current of this device has been increased, in
comparison to standard LVDS compliant devices, in
order to support doubly terminated transmission lines
and heavily loaded backplane bus applications.
Backplane applications generally require impedance
matching termination resistors at both ends of the
bus. The effective impedance of a doubly terminated
bus can be as low as 30 W due to the bus
terminations, as well as the capacitive load of bus
interface devices. SN65MLVD047 drivers allow for
operation with loads as low as 30 W. The
SN65MLVD047 devices allow for multiple drivers to
be present on a single bus. Driver edge rate control is
incorporated to support operation. The
SN65MLVD047 provides 9-kV ESD protection on all
bus pins.




Similar Part No. - SN65MLVD047DR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047DR.B TI2-SN65MLVD047DR.B Datasheet
514Kb / 23P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
REVISED JULY 2005
More results


Similar Description - SN65MLVD047DR.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com