Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1T02 Datasheet (PDF) - Texas Instruments

SN74AUP1T02 Datasheet PDF - Texas Instruments
Part # SN74AUP1T02
Download  SN74AUP1T02 Download
File Size   394.13 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NOR GATE

SN74AUP1T02 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUP1T02 Datasheet PDF - Texas Instruments

Part # SN74AUP1T02
Download  SN74AUP1T02 Click to download

File Size   394.13 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NOR GATE

SN74AUP1T02 Datasheet (HTML) - Texas Instruments


SN74AUP1T02 Product details

FEATURES
• Single-Supply Voltage Translator
• Output Level Up to Supply VCC CMOS Level
– 1.8 V to 3.3 V (at VCC = 3.3 V)
– 2.5 V to 3.3 V (at VCC = 3.3 V)
– 1.8 V to 2.5 V (at V CC = 2.5 V)
– 3.3 V to 2.5 V (at V CC = 2.5 V
• Schmitt-Trigger Inputs Reject Input Noise and
Provide Better Output Signal Integrity
• Ioff Supports Partial Power Down (VCC = 0 V)
• Very Low Static Power Consumption:
0.1 μA
• Very Low Dynamic Power Consumption:
0.9 μA
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Pb-Free Packages Available: SC-70 (DCK)
2 x 2.1 x 0.65 mm (Height 1.1 mm)
• More Gate Options Available at
www.ti.com/littlelogic
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The SN74AUP1T02 performs the Boolean function Y = A + B or Y = A ● B with designation for logic-level
translation applications with output referenced to supply VCC.
AUP technology is the industry's lowest-power logic technology designed for use in extending battery-life in
operating. All input levels that accept 1.8-V LVCMOS signals, while operating from either a single 3.3-V or 2.5-V
VCC supply. This product also maintains excellent signal integrity (see Figure 1 and Figure 2).
The wide VCC range of 2.3 V to 3.6 V allows the possibility of switching output level to connect to external
controllers or processors.
Schmitt-trigger inputs (ΔVT = 210 mV between positive and negative input transitions) offer improved noise
immunity during switching transitions, which is especially useful on analog mixed-mode designs. Schmitt-trigger
inputs reject input noise, ensure integrity of output signals, and allow for slow input signal transition.
Ioff is a feature that allows for powered-down conditions (VCC = 0 V) and is important in portable and mobile
applications. When VCC = 0 V, signals in the range from 0 V to 3.6 V can be applied to the inputs and outputs of
the device. No damage occurs to the device under these conditions.
The SN74AUP1T02 is designed with optimized current-drive capability of 4 mA to reduce line reflections,
overshoot, and undershoot caused by high-drive outputs.




Similar Part No. - SN74AUP1T02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1T02 TI2-SN74AUP1T02 Datasheet
387Kb / 15P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NOR GATE
APRIL 2010
SN74AUP1T02DCKR TI-SN74AUP1T02DCKR Datasheet
164Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1T02DCKR TI2-SN74AUP1T02DCKR Datasheet
387Kb / 15P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NOR GATE
APRIL 2010
SN74AUP1T02DCKR.B TI2-SN74AUP1T02DCKR.B Datasheet
387Kb / 15P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NOR GATE
APRIL 2010
More results


Similar Description - SN74AUP1T02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1T04 TI-SN74AUP1T04 Datasheet
164Kb / 11P
LOW POWER,1.8/2.5/3.3-V INPUT,3.3-V COMS OUTPUT, SINGLE INVERTER GATE
SN74AUP1T08 TI-SN74AUP1T08 Datasheet
167Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1T17 TI-SN74AUP1T17 Datasheet
164Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
SN74AUP1T86 TI-SN74AUP1T86 Datasheet
173Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-OR GATE
SN74AUP1T87 TI-SN74AUP1T87 Datasheet
170Kb / 11P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-NOR GATE
SN74AUP1T14 TI1-SN74AUP1T14_15 Datasheet
761Kb / 14P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T50 TI1-SN74AUP1T50 Datasheet
762Kb / 15P
LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com