Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G126 Datasheet (PDF) - Texas Instruments

SN74AUP2G126 Datasheet PDF - Texas Instruments
Part # SN74AUP2G126
Download  SN74AUP2G126 Download
File Size   974.36 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS

SN74AUP2G126 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUP2G126 Datasheet PDF - Texas Instruments

Part # SN74AUP2G126
Download  SN74AUP2G126 Click to download

File Size   974.36 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS

SN74AUP2G126 Datasheet (HTML) - Texas Instruments


SN74AUP2G126 Product details

1FEATURES
• Available in the Texas Instruments NanoStar™
Package
• Low Static-Power Consumption
(ICC = 0.9 μA Max)
• Low Dynamic-Power Consumption
(Cpd = 4 pF Typ at 3.3 V)
• Low Input Capacitance (Ci = 1.5 pF Typ)
• Low Noise – Overshoot and Undershoot
<10% of VCC
• Input-Disable Feature Allows Floating Input
Conditions
• Ioff Supports Partial-Power-Down Mode
Operation
• Input Hysteresis Allows Slow Input Transition
and Better Switching Noise Immunity at Input
• Wide Operating VCC Range of 0.8 V to 3.6 V
• Optimized for 3.3-V Operation
• 3.6-V I/O Tolerant to Support Mixed-Mode
Signal Operation
• tpd = 9.9 ns Max at 3.3 V
• Suitable for Point-to-Point Applications
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).




Similar Part No. - SN74AUP2G126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G126 TI-SN74AUP2G126 Datasheet
514Kb / 16P
LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126 TI1-SN74AUP2G126 Datasheet
1Mb / 24P
LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126 TI2-SN74AUP2G126 Datasheet
973Kb / 30P
LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED DECEMBER 2009
SN74AUP2G126DCUR TI1-SN74AUP2G126DCUR Datasheet
1Mb / 24P
LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126DCUR TI2-SN74AUP2G126DCUR Datasheet
973Kb / 30P
LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED DECEMBER 2009
More results


Similar Description - SN74AUP2G126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126 TI-SN74AUP2G126 Datasheet
514Kb / 16P
LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126 TI1-SN74AUP2G126_16 Datasheet
1Mb / 24P
LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
Dual Bus Buffer Gate With 3-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com