Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G80 Datasheet (PDF) - Texas Instruments

SN74AUP2G80 Datasheet PDF - Texas Instruments
Part # SN74AUP2G80
Download  SN74AUP2G80 Download
File Size   698.0 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP

SN74AUP2G80 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUP2G80 Datasheet PDF - Texas Instruments

Part # SN74AUP2G80
Download  SN74AUP2G80 Click to download

File Size   698.0 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP

SN74AUP2G80 Datasheet (HTML) - Texas Instruments


SN74AUP2G80 Product details

1FEATURES
• Available in the Texas Instruments NanoStar™
Package
• Low Static-Power Consumption
(ICC = 0.9 mA Maximum)
• Low Dynamic-Power Consumption
(Cpd = 4.3 pF Typ at 3.3 V)
• Low Input Capacitance (Ci = 1.5 pF Typical)
• Low Noise – Overshoot and Undershoot
<10% of VCC
• Ioff Supports Partial-Power-Down Mode
Operation
• Wide Operating VCC Range of 0.8 V to 3.6 V
• Optimized for 3.3-V Operation
• 3.6-V I/O Tolerant to Support Mixed-Mode
Signal Operation
• tpd = 4.4 ns Maximum at 3.3 V
• Suitable for Point-to-Point Applications
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).




Similar Part No. - SN74AUP2G80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G80 TI-SN74AUP2G80 Datasheet
292Kb / 14P
LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP2G80 TI2-SN74AUP2G80 Datasheet
697Kb / 24P
LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
REVISED MARCH 2010
SN74AUP2G80DCUR TI-SN74AUP2G80DCUR Datasheet
292Kb / 14P
LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP2G80DCUR TI2-SN74AUP2G80DCUR Datasheet
697Kb / 24P
LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
REVISED MARCH 2010
SN74AUP2G80DCUR.B TI2-SN74AUP2G80DCUR.B Datasheet
697Kb / 24P
LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
REVISED MARCH 2010
More results


Similar Description - SN74AUP2G80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP2G79 TI-SN74AUP2G79 Datasheet
291Kb / 14P
LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP2G80 TI-SN74AUP2G80 Datasheet
292Kb / 14P
LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com