Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP3G07 Datasheet (PDF) - Texas Instruments

SN74AUP3G07 Datasheet PDF - Texas Instruments
Part # SN74AUP3G07
Download  SN74AUP3G07 Download
File Size   836.01 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS

SN74AUP3G07 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUP3G07 Datasheet PDF - Texas Instruments

Part # SN74AUP3G07
Download  SN74AUP3G07 Click to download

File Size   836.01 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS

SN74AUP3G07 Datasheet (HTML) - Texas Instruments


SN74AUP3G07 Product details

1FEATURES
2• Available in the Texas Instruments NanoStar™
Package
• Low Static-Power Consumption
(ICC = 0.9 μA Maximum)
• Low Dynamic-Power Consumption
(Cpd = 4.3 pF Typ at 3.3 V)
• Low Input Capacitance (Ci = 1.5 pF Typical)
• Low Noise – Overshoot and Undershoot
<10% of VCC
• Ioff Supports Partial-Power-Down Mode
Operation
• Wide Operating VCC Range of 0.8 V to 3.6 V
• Optimized for 3.3-V Operation
• 3.6-V I/O Tolerant to Support Mixed-Mode
Signal Operation
• tpd = 4.3 ns Maximum at 3.3 V
• Suitable for Point-to-Point Applications
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).




Similar Part No. - SN74AUP3G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI2-SN74AUP3G07 Datasheet
829Kb / 27P
LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
REVISED FEBRUARY 2013
SN74AUP3G07DCUR TI-SN74AUP3G07DCUR Datasheet
283Kb / 13P
LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07DCUR TI2-SN74AUP3G07DCUR Datasheet
829Kb / 27P
LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
REVISED FEBRUARY 2013
SN74AUP3G07DCUR.B TI2-SN74AUP3G07DCUR.B Datasheet
829Kb / 27P
LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
REVISED FEBRUARY 2013
More results


Similar Description - SN74AUP3G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07_08 Datasheet
405Kb / 12P
TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07-EP TI-SN74LVC3G07-EP Datasheet
338Kb / 10P
TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07-Q1 TI1-SN74LVC3G07-Q1 Datasheet
270Kb / 9P
TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_16 Datasheet
844Kb / 16P
Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_18 Datasheet
935Kb / 18P
Triple Buffer/Driver With Open-drain Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com