Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC16373 Datasheet (PDF) - Texas Instruments

SN74AVC16373 Datasheet PDF - Texas Instruments
Part # SN74AVC16373
Download  SN74AVC16373 Download
File Size   491.21 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS

SN74AVC16373 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC16373 Datasheet PDF - Texas Instruments

Part # SN74AVC16373
Download  SN74AVC16373 Click to download

File Size   491.21 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS

SN74AVC16373 Datasheet (HTML) - Texas Instruments


SN74AVC16373 Product details

1FEATURES
2· Member of the Texas Instruments Widebus™
Family
· EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
· DOC™ (Dynamic Output Control) Circuit
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without Speed
Degradation
· Dynamic Drive Capability Is Equivalent to
Standard Outputs With IOH and IOL of ±24 mA at 2.5-V V CC
· Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
· Ioff Supports Partial-Power-Down Mode
Operation
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· Package Options Include Plastic Thin Shrink
Small-Outline (DGG) and Thin Very
Small-Outline (DGV) Packages

DESCRIPTION
A Dynamic Output Control (DOC™) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows
typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At
the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a
high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family
Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC™) Circuitry
Technology and Applications, literature number SCEA009.




Similar Part No. - SN74AVC16373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16373 TI-SN74AVC16373 Datasheet
167Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74AVC16373 TI1-SN74AVC16373 Datasheet
586Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74AVC16373 TI2-SN74AVC16373 Datasheet
490Kb / 21P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 2008
SN74AVC16373DGG TI-SN74AVC16373DGG Datasheet
167Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74AVC16373DGGR TI1-SN74AVC16373DGGR Datasheet
586Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Similar Description - SN74AVC16373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVCH16373A TI-SN74LVCH16373A Datasheet
305Kb / 13P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com