| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFS0D8N02P1E
|
147Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL 25 V, 0.68 m, 365 A
March, 2020 ??Rev. 0 |
|
NTMFS0D55N03CG
|
139Kb / 6P |
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.58 m, 462 A
June, 2020 ??Rev. 1 |
|
NTMFS0D7N03CG
|
218Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.65 m, 409 A
June, 2021 ??Rev. 6 |
|
NTMFS0D9N03CG
|
166Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.9 m, 298 A
November, 2021 ??Rev. 5 |
|
NTMFS1D15N03CG
|
185Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 1.15 m, 245 A
April, 2021 ??Rev. 6 |
|
NVMFWS0D4N04XM
|
225Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.42 m, 512 A
December, 2021?뭃ev. 0 |
|
NVMFWS0D5N04XM
|
223Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.52 m, 423 A
December, 2021?뭃ev. 0 |
|
NVMFWS0D7N04XM
|
278Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.70 m, 331 A
December, 2021-Rev. 0 |
|
NVMFWS0D6N04XM
|
153Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.57 m, 380 A
April, 2023 - Rev. 0 |
|
NTMFS0D7N04XM
|
140Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.7 m, 323 A
June, 2023 - Rev. 0 |