Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3384 Datasheet (PDF) - Texas Instruments

SN74CB3T3384 Datasheet PDF - Texas Instruments
Part # SN74CB3T3384
Download  SN74CB3T3384 Download
File Size   516.73 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER

SN74CB3T3384 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CB3T3384 Datasheet PDF - Texas Instruments

Part # SN74CB3T3384
Download  SN74CB3T3384 Click to download

File Size   516.73 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER

SN74CB3T3384 Datasheet (HTML) - Texas Instruments


SN74CB3T3384 Product details

Output Voltage Translation Tracks VCC
Supports Mixed-Mode Signal Operation On
All Data I/O Ports
− 5-V Input Down To 3.3-V Output Level
Shift With 3.3-V VCC
− 5-V/3.3-V Input Down To 2.5-V Output
Level Shift With 2.5-V VCC
5-V-Tolerant I/Os With Device Powered-Up
or Powered-Down
Bidirectional Data Flow, With Near-Zero
Propagation Delay
Low ON-State Resistance (ron)
Characteristics (ron = 5 Ω Typical)
Low Input/Output Capacitance Minimizes
Loading (Cio(OFF) = 5 pF Typical)
Data and Control Inputs Provide
Undershoot Clamp Diodes
Low Power Consumption
(ICC = 40 μA Max)
VCC Operating Range From 2.3 V to 3.6 V
Data I/Os Support 0 to 5-V Signaling Levels
(For Example: 0.8-V, 1.2-V, 1.5-V, 1.8-V,
2.5-V, 3.3-V, 5-V)
Control Inputs Can Be Driven by TTL or
5-V/3.3-V/2.5-V CMOS Outputs
Ioff Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Supports Digital Applications: Level
Translation, Memory Interleaving, Bus
Isolation
Ideal for Low-Power Portable Equipment





Similar Part No. - SN74CB3T3384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3384 TI-SN74CB3T3384 Datasheet
345Kb / 15P
10-BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE BUS SWITCH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384 Datasheet
924Kb / 19P
10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI2-SN74CB3T3384 Datasheet
516Kb / 20P
10-BIT FET BUS SWITCH 2.5-V[3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
REVISED MARCH 2004
SN74CB3T3384DBQR TI-SN74CB3T3384DBQR Datasheet
345Kb / 15P
10-BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE BUS SWITCH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3384DBQR TI1-SN74CB3T3384DBQR Datasheet
924Kb / 19P
10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Similar Description - SN74CB3T3384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI-SN74CB3T16212 Datasheet
250Kb / 13P
24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_07 Datasheet
218Kb / 15P
24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com