Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2014PWR.B Datasheet (PDF) - Texas Instruments

SN74GTL2014PWR.B Datasheet PDF - Texas Instruments
Part # SN74GTL2014PWR.B
Download  SN74GTL2014PWR.B Download
File Size   500.44 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74GTL2014 4-Channel LVTTL to GTL Transceiver

SN74GTL2014PWR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74GTL2014PWR.B Datasheet PDF - Texas Instruments

Part # SN74GTL2014PWR.B
Download  SN74GTL2014PWR.B Click to download

File Size   500.44 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74GTL2014 4-Channel LVTTL to GTL Transceiver

SN74GTL2014PWR.B Datasheet (HTML) - Texas Instruments


SN74GTL2014PWR.B Product details

1 Features
1• Operates as a GTL–/GTL/GTL+ to LVTTL or
LVTTL to GTL–/GTL/GTL+ Translator
• The LVTTL Inputs are Tolerant up to 5.5 V
Allowing Direct Access to TTL or 5 V CMOS
• The GTL Input/Output Operate up to 3.6 V,
Allowing the Device to be Used in High Voltage
Open-Drain Applications
• VREF Goes Down to 0.5 V for Low Voltage CPU
Usage
• Partial Power-Down Permitted
• Latch-up Protection Exceed 500 mA per JESD78
• Package Option: TSSOP14
• –40°C to 85°C Operating Temperature Range
• ESD Protection on All Terminals
– 2000 V HBM, JESD22-A114
– 1000 V CDM, IEC61000-4-2

2 Applications
• Server
• Base Station
• Wireline Communication

3 Description
The SN74GTL2014 is a 4-channel translator to
interface between 3.3-V LVTTL chip set I/O and Xeon
processor GTL–/GTL/GTL+ I/O.
The SN74GTL2014 integrates ESD protection cells
on all terminals and is available in a TSSOP package
(5.0 mm × 4.4 mm). The device is characterized over the free air temperature range of –40°C to 85°C.




Similar Part No. - SN74GTL2014PWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2014PWR.B TI2-SN74GTL2014PWR.B Datasheet
500Kb / 20P
SN74GTL2014 4-Channel LVTTL to GTL Transceiver
REVISED OCTOBER 2014
More results


Similar Description - SN74GTL2014PWR.B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Texas Instruments
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
4-bit LVTTL to GTL transceiver
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
4-Channel LVTTL to GTL Transceiver
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
4-bit LVTTL to GTL transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com