Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75976A Datasheet (PDF) - Texas Instruments

SN75976A Datasheet PDF - Texas Instruments
Part # SN75976A
Download  SN75976A Download
File Size   961.17 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-CHANNEL DIFFERENTIAL TRANSCEIVER

SN75976A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75976A Datasheet PDF - Texas Instruments

Part # SN75976A
Download  SN75976A Click to download

File Size   961.17 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-CHANNEL DIFFERENTIAL TRANSCEIVER

SN75976A Datasheet (HTML) - Texas Instruments


SN75976A Product details

Improved Speed and Package Replacement
for the SN75LBC976
Designed to Operate at up to 20 Million
Data Transfers per Second (Fast-20 SCSI)
Nine Differential Channels for the Data and
Control Paths of the Small Computer
Systems Interface (SCSI) and Intelligent
Peripheral Interface (IPI)
SN75976A Packaged in Shrink
Small-Outline Package with 25-Mil Terminal
Pitch (DL) and Thin Shrink Small-Outline
Package with 20-Mil Terminal Pitch (DGG)
SN55976A Packaged in a 56-Pin Ceramic
Flat Pack (WD)
Two Skew Limits Available
ESD Protection on Bus Terminals
Exceeds 12 kV
Low Disabled Supply Current 8 mA Typ
Thermal Shutdown Protection
Positive- and Negative-Current Limiting
Power-Up/Down Glitch Protection

description
The SN75976A is an improved replacement for
the industry’s first 9-channel RS-485
transceiver — the SN75LBC976. The A version
offers improved switching performance, a smaller
package, and higher ESD protection. The
SN75976A is offered in two versions. The ’976A2
skew limits of 4 ns for the differential drivers and
5 ns for the differential receivers complies with the
recommended skew budget of the Fast-20 SCSI
standard for data transfer rates up to 20 million
transfers per second. The ’976A1 supports the
Fast SCSI skew budget for 10 million
transfers per second. The skew limit ensures that the propagation delay times, not only from channel-to-channel
but from device-to-device, are closely matched for the tight skew budgets associated with high-speed parallel
data buses.
The patented thermal enhancements made to the 56-pin shrink small-outline package (SSOP) of the SN75976
have been applied to the new, thin shrink, small-outline package (TSSOP). The TSSOP package offers even
less board area requirements than the SSOP while reducing the package height to 1 mm. This provides more
board area and allows component mounting to both sides of the printed circuit boards for low-profile,
space-restricted applications such as small form-factor hard disk drives.




Similar Part No. - SN75976A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A TI-SN75976A Datasheet
537Kb / 33P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
689Kb / 35P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI2-SN75976A Datasheet
960Kb / 39P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
REVISED MAY 1997
SN75976A TI2-SN75976A Datasheet
1Mb / 32P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
REVISED FEBRUARY 2008
More results


Similar Description - SN75976A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
9 Channel Bus LVDS Transceiver
logo
Texas Instruments
SN75976A TI-SN75976A Datasheet
719Kb / 35P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
9 Channel Bus LVDS Transceiver
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com