Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD74111RVFT Datasheet (PDF) - Texas Instruments

UCD74111RVFT Datasheet PDF - Texas Instruments
Part # UCD74111RVFT
Download  UCD74111RVFT Download
File Size   541.52 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Current, Synchronous Buck Power Stage

UCD74111RVFT Datasheet (PDF)

Go To PDF Page Download Datasheet
UCD74111RVFT Datasheet PDF - Texas Instruments

Part # UCD74111RVFT
Download  UCD74111RVFT Click to download

File Size   541.52 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Current, Synchronous Buck Power Stage

UCD74111RVFT Datasheet (HTML) - Texas Instruments


UCD74111RVFT Product details

1FEATURES
2• Integrates Synchronous Buck Driver and
NexFET™ Power MOSFET Technology for
High Power Density and High Efficiency
• 15-A Output Current Capability for DSP and
ASIC
• 4.7-V to 14-V Input Voltage Range
• Operational Switching Frequency Up to 2 MHz
• Built-In High-Side Current Protection
• DCR Current Sensing for Overcurrent
Protection and Output Current Monitoring
• Voltage Proportional to Load Current Monitor
Output
• Tri-State PWM Input for Power Stage
Shutdown
• UVLO Housekeeping Circuit
• Integrated Thermal Shutdown
• 40-Pin, 5 mm x 7 mm, PQFN PowerStack™
Package

APPLICATIONS
• Digital or Analog POL Power Modules
• High Power Density DC-DC Converters for
Telecom and Networking Applications

DESCRIPTION
UCD74111 is a multi-chip module integrating a driver
device and two NexFET power MOSFETs into a
thermally enhanced compact, 5 mm × 7 mm, QFN
package. A 15-A output current capability makes the
device suitable for powering DSP and ASIC. The
device is designed to complement digital or analog
PWM controllers. The PWM input of the driver device
is 3-state compatible. Two driver circuits provide high
charge and discharge current for the high-side N-
channel FET switch and the low-side N-channel FET
synchronous rectifier in a synchronous buck
converter.
A precision current sensing amplifier that processes
the voltage present across an external current sense
element measures and monitors the output current.
The PWM controller on the IMON pin can use this
amplified signal. On-board comparators monitor the
voltage across the high-side switch and the voltage
across the external current sense element to
safeguard the power stage from sudden high-current
loads. A single resistor for the high-side comparator
sets the blanking delay. This delay guards against
false reports coincident with switching edge noise. In
the event of a high-side fault or an overcurrent fault,
the high-side FET turns OFF and the fault flag (FLT)
asserts to alert the PWM controller.




Similar Part No. - UCD74111RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74111RVFT TI-UCD74111RVFT Datasheet
843Kb / 22P
High-Current, Synchronous Buck Power Stage
More results


Similar Description - UCD74111RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M_1110 TI-CSD96370Q5M_1110 Datasheet
1,004Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Stage
UCD74111 TI-UCD74111 Datasheet
843Kb / 22P
High-Current, Synchronous Buck Power Stage
UCD74120 TI-UCD74120 Datasheet
876Kb / 22P
High-Current, Synchronous Buck Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97376Q4M TI-CSD97376Q4M Datasheet
917Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD97374Q4M TI-CSD97374Q4M Datasheet
931Kb / 18P
Synchronous Buck NexFET Power Stage
CSD96371Q5M TI-CSD96371Q5M_15 Datasheet
1Mb / 19P
Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M_15 Datasheet
1Mb / 25P
Synchronous Buck NexFET??Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com