Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD90120A Datasheet (PDF) - Texas Instruments

UCD90120A Datasheet PDF - Texas Instruments
Part # UCD90120A
Download  UCD90120A Download
File Size   2049.88 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCD90120A 12-Rail Power Supply Sequencer and Monitor With ACPI Support

UCD90120A Datasheet (PDF)

Go To PDF Page Download Datasheet
UCD90120A Datasheet PDF - Texas Instruments

Part # UCD90120A
Download  UCD90120A Click to download

File Size   2049.88 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCD90120A 12-Rail Power Supply Sequencer and Monitor With ACPI Support

UCD90120A Datasheet (HTML) - Texas Instruments


UCD90120A Product details

1 Features
1• Monitor and Sequence 12 Voltage Rails
– All Rails Sampled Every 400 μs
– 12-bit ADC With 2.5-V, 0.5% Internal VREF
– Sequence Based on Time, Rail and Pin
Dependencies
– Four Programmable Undervoltage and
Overvoltage Thresholds per Monitor
• Nonvolatile Error and Peak-Value Logging per
Monitor (up to 12 Fault Detail Entries)
• Closed-Loop Margining for 10 Rails
– Margin Output Adjusts Rail Voltage to Match
User-Defined Margin Thresholds
• Programmable Watchdog Timer and System
Reset
• Flexible Digital I/O Configuration
• Pin-Selected Rail States
• Multiphase PWM Clock Generator
– Clock Frequencies From 15.259 kHz to
125 MHz
– Capability to Configure Independent Clock
Outputs for Synchronizing Switch-Mode Power
Supplies
• JTAG and I2C/SMBus/PMBus™ Interfaces

2 Applications
• Industrial / ATE
• Telecommunications and Networking Equipment
• Servers and Storage Systems
• Any System Requiring Sequencing and Monitoring
of Multiple Power Rails

3 Description
The UCD90120A is a 12-rail PMBus/I2C addressable
power-supply sequencer and monitor. The device
integrates a 12-bit ADC for monitoring up to 12
power-supply voltage inputs. Twenty-six GPIO pins
can be used for power supply enables, power-on
reset signals, external interrupts, cascading, or other
system functions. Twelve of these pins offer PWM
functionality. Using these pins, the UCD90120A offers
support for margining, and general-purpose PWM
functions.
Specific power states can be achieved using the Pin-
Selected Rail States feature. This feature allows with
the use of up to 3 GPIs to enable and disable any
rail. This is useful for implementing system low-power
modes and the Advanced Configuration and Power
Interface (ACPI) specification that is used for
hardware devices.
The TI Fusion Digital Power™ designer software is
provided for device configuration. This PC-based
graphical user interface (GUI) offers an intuitive
interface for configuring, storing, and monitoring all
system operating parameters.




Similar Part No. - UCD90120A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120ARGCR TI1-UCD90120ARGCR Datasheet
1Mb / 43P
12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120ARGCR TI1-UCD90120ARGCR Datasheet
1Mb / 58P
12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120ARGCT TI1-UCD90120ARGCT Datasheet
1Mb / 43P
12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120ARGCT TI1-UCD90120ARGCT Datasheet
1Mb / 58P
12-Rail Power Supply Sequencer and Monitor With ACPI Support
More results


Similar Description - UCD90120A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
12-Rail Sequencer and System Health Monitor With Fan Control
UCD90160 TI1-UCD90160 Datasheet
1Mb / 41P
16-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090 TI-UCD9090 Datasheet
1Mb / 48P
10-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
16-Rail Power Supply Sequencer and Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com