Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DW3120 Datasheet (PDF) - Qorvo, Inc

DW3120 Datasheet PDF - Qorvo, Inc
Part # DW3120
Download  DW3120 Download
File Size   2339.33 Kbytes
Page   56 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description UWB Transceiver

DW3120 Datasheet (PDF)

Go To PDF Page Download Datasheet
DW3120 Datasheet PDF - Qorvo, Inc

Part # DW3120
Download  DW3120 Click to download

File Size   2339.33 Kbytes
Page   56 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description UWB Transceiver

DW3120 Datasheet (HTML) - Qorvo, Inc


DW3120 Product details

Key Features
• IEEE802.15.4-2015 UWB IEEE802.15.4z (BPRF mode)
• Supports channels 5 & 9 (6489.6 MHz & 7987.2 MHz)
• Supports 2-way ranging, TDoA and PDoA location schemes
• Low external component count
• Supports enhanced Time-of-Flight security modes
• Integrated HW AES 256
• Worldwide UWB Radio Regulatory compliance
• Low power consumption
• Data rates of 850 kbps and 6.8 Mbps
• Packet length up to 1023 bytes
• Integrated MAC support features
• Up to 36 MHz SPI interface
• QFN40 (5mm x 5 mm) and WLCSP52 (3.1mm x 3.5mm) package options

Applications
• Precision real time location systems (RTLS) using two-way ranging, TDoA or PDoA schemes in a variety of markets:
o Healthcare
o Consumer
o Industrial
• Presence detection for secure entry and secure payment
• Location aware wireless sensor networks




Similar Part No. - DW3120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DW3123 ETC-DW3123 Datasheet
5Mb / 24P
CONTENTS
DW3126 ETC-DW3126 Datasheet
5Mb / 24P
CONTENTS
DW3128 ETC-DW3128 Datasheet
5Mb / 24P
CONTENTS
DW3128P5 ETC-DW3128P5 Datasheet
5Mb / 24P
CONTENTS
More results


Similar Description - DW3120

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
DCA-E03 MITSUMI-DCA-E03 Datasheet
44Kb / 2P
Small UWB Antenna
logo
TDK Electronics
HHM1583B1 TDK-HHM1583B1 Datasheet
54Kb / 2P
Multilayer Chip Baluns For UWB
logo
Johanson Technology Inc...
7000AT18A1600 JOHANSON-7000AT18A1600 Datasheet
510Kb / 5P
7GHz Mini UWB Antenna
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
IEEE802.15.4-2011 UWB Transceiver
DWM1000 ETC2-DWM1000 Datasheet
1Mb / 29P
IEEE 802.15.4-2011 UWB Transceiver Module
DWM3000 ETC1-DWM3000 Datasheet
927Kb / 24P
IEEE 802.15.4-z UWB Transceiver Module
logo
Qorvo, Inc
DWM1000 QORVO-DWM1000 Datasheet
1Mb / 33P
IEEE 802.15.4-2011 UWB Transceiver Module
DWM3000 QORVO-DWM3000 Datasheet
188Kb / 2P
Fully integrated UWB transceiver module
Rev. A, April 2021
logo
AVX Corporation
1005188F0 AVX-1005188F0 Datasheet
2Mb / 5P
UWB FPC Embedded Antenna
1/7/2020
1005190F0 AVX-1005190F0 Datasheet
842Kb / 5P
UWB FPC Embedded Antenna
1/7/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com