Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9555 Datasheet (PDF) - Texas Instruments

TCA9555 Datasheet PDF - Texas Instruments
Part # TCA9555
Download  TCA9555 Download
File Size   2921.16 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9555 Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers

TCA9555 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9555 Datasheet PDF - Texas Instruments

Part # TCA9555
Download  TCA9555 Click to download

File Size   2921.16 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9555 Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers

TCA9555 Datasheet (HTML) - Texas Instruments


TCA9555 Product details

1 Features
1• Low Standby-Current Consumption of
3.5 μA Maximum
• I2C to Parallel Port Expander
• Open-Drain Active-Low Interrupt Output
• 5-V Tolerant I/O Ports
• Compatible With Most Microcontrollers
• 400-kHz Fast I2C Bus
• Configurable Slave Address with 3 Address Pins
• Polarity Inversion Register
• Latched Outputs With High-Current Drive
Capability for Directly Driving LEDs
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)

2 Applications
. Servers
. Routers (Telecom Switching Equipment)
. Personal Computers
. Personal Electronics
. Industrial Automation Equipment
. Products with GPIO-Limited Processors

3 Description
This 16-bit I/O expander for the two-line bidirectional
bus (I2C) is designed for 1.65-V to 5.5-V VCC
operation. It provides general-purpose remote I/O
expansion for most microcontroller families via the I2C
interface.
The TCA9555 consists of two 8-bit Configuration
(input or output selection), Input Port, Output Port,
and Polarity Inversion (active high or active low
operation) registers. At power on, the I/Os are
configured as inputs. The system master can enable
the I/Os as either inputs or outputs by writing to the
I/O configuration bits. The data for each input or
output is kept in the corresponding Input or Output
register. The polarity of the Input Port register can be
inverted with the Polarity Inversion register.




Similar Part No. - TCA9555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555DBR TI1-TCA9555DBR Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555DBT TI1-TCA9555DBT Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555PWR TI-TCA9555PWR Datasheet
734Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Similar Description - TCA9555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com