Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9554ADBQR.B Datasheet (PDF) - Texas Instruments

TCA9554ADBQR.B Datasheet PDF - Texas Instruments
Part # TCA9554ADBQR.B
Download  TCA9554ADBQR.B Download
File Size   1975.73 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers

TCA9554ADBQR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9554ADBQR.B Datasheet PDF - Texas Instruments

Part # TCA9554ADBQR.B
Download  TCA9554ADBQR.B Click to download

File Size   1975.73 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers

TCA9554ADBQR.B Datasheet (HTML) - Texas Instruments


TCA9554ADBQR.B Product details

1 Features
1. I2C to Parallel Port Expander
. Open-Drain Active-Low Interrupt Output
. Operating Power-Supply Voltage Range of 1.65 V
to 5.5 V
. 5-V Tolerant I/O Ports
. 400-kHz Fast I2C Bus
. Three Hardware Address Pins Allow up to Eight
Devices on the I2C/SMBus
. Input and Output Configuration Register
. Polarity Inversion Register
. Internal Power-On Reset
. Low Standby Current Consumption
. Power-Up With All Channels Configured as Inputs
. No Glitch on Power Up
. Noise Filter on SCL/SDA Inputs
. Latched Outputs With High-Current Drive
Maximum Capability for Directly Driving LEDs
. Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
. ESD Protection Exceeds JESD 22
. 2000-V Human-Body Model (A114-A)
. 1000-V Charged-Device Model (C101)

2 Applications
. Servers
. Routers (Telecom Switching Equipment)
. Personal Computers
. Personal Electronics (for example: Gaming
Consoles)
. Industrial Automation
. Products With GPIO-Limited Processors

3 Description
The TCA9554A is a 16-pin device that provides 8 bits
of general purpose parallel input-output (I/O)
expansion for the two-line bidirectional I2C bus (or
SMBus) protocol. The device can operate with a
power supply voltage ranging from 1.65 V to 5.5 V.
The device supports both 100-kHz (Standard-mode)
and 400-kHz (Fast-mode) clock frequencies. I/O
expanders such as the TCA9554A provide a simple
solution when additional I/Os are needed for
switches, sensors, push-buttons, LEDs, fans, and
other similar devices.
The features of the TCA9554A include an interrupt
that is generated on the INT pin whenever an input
port changes state. The A0, A1, and A2 hardware
selectable address pins allow up to eight TCA9554A
devices on the same I2C bus. The device can also be
reset to its default sate by cycling the power supply
and causing a power-on reset.




Similar Part No. - TCA9554ADBQR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554ADBQR TI1-TCA9554ADBQR Datasheet
1Mb / 38P
TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554ADBQR TI1-TCA9554ADBQR Datasheet
1Mb / 39P
Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results


Similar Description - TCA9554ADBQR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com