Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9548APWR Datasheet (PDF) - Texas Instruments

TCA9548APWR Datasheet PDF - Texas Instruments
Part # TCA9548APWR
Download  TCA9548APWR Download
File Size   2540.8 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9548A Low-Voltage 8-Channel I2C Switch with Reset

TCA9548APWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9548APWR Datasheet PDF - Texas Instruments

Part # TCA9548APWR
Download  TCA9548APWR Click to download

File Size   2540.8 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9548A Low-Voltage 8-Channel I2C Switch with Reset

TCA9548APWR Datasheet (HTML) - Texas Instruments


TCA9548APWR Product details

1 Features
. 1-to-8 Bidirectional translating switches
. I2C Bus and SMBus compatible
. Active-low reset input
. Three address pins, allowing up to eight
TCA9548A devices on the I2C bus
. Channel selection through an I2C Bus, in any
combination
. Power up with all switch channels deselected
. Low RON switches
. Allows voltage-level translation between 1.8V,
2.5V, 3.3V, and 5V buses
. No glitch on power up
. Supports hot insertion
. Low standby current
. Operating power-supply voltage range of
1.65V to 5.5V
. 5-V Tolerant inputs
. 0 to 400kHz Clock frequency
. Latch-up performance exceeds 100mA Per JESD
78, class II
. ESD Protection exceeds JESD 22
. ±2000V Human-body model (A114-A)
. 200V Machine model (A115-A)
. ±1000V Charged-device model (C101)

2 Applications
. Servers
. Routers (telecom switching equipment)
. Factory Automation
. Products with I2C target address conflicts (such as
multiple, identical temperature sensors)

3 Description
The TCA9548A device has eight bidirectional
translating switches that can be controlled through
the I2C bus. The SCL/SDA upstream pair fans out to
eight downstream pairs, or channels. Any individual
SCn/SDn channel or combination of channels can
be selected, determined by the contents of the
programmable control register. These downstream
channels can be used to resolve I2C target address
conflicts. For example, if eight identical digital
temperature sensors are needed in the application,
one sensor can be connected at each channel: 0-7.
The system controller can reset the TCA9548A in the
event of a time-out, or other improper operation by
asserting a low in the RESET input. Similarly, the
power-on reset deselects all channels and initializes
the I2C/SMBus state machine. Asserting RESET
causes the same reset and initialization to occur
without powering down the part. This allows recovery
if one of the downstream I2C buses get stuck in a low
state.
The pass gates of the switches are constructed so
that the VCC pin can be used to limit the maximum
high voltage, which is passed by the TCA9548A.
Limiting the maximum high voltage allows the use of
different bus voltages on each pair, so that 1.8V, 2.5V
or 3.3V parts can communicate with 5V parts, without
any additional protection. External pullup resistors
pull the bus up to the desired voltage level for each
channel. All I/O pins are 5V tolerant.




Similar Part No. - TCA9548APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9548APWR TI1-TCA9548APWR Datasheet
586Kb / 22P
LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
TCA9548APWR TI1-TCA9548APWR Datasheet
1Mb / 35P
Low-Voltage 8-Channel I2C Switch With Reset
TCA9548APWR TI1-TCA9548APWR Datasheet
1Mb / 36P
Low-Voltage 8-Channel I2C Switch with Reset
TCA9548APWR TI-TCA9548APWR Datasheet
2Mb / 39P
TCA9548A Low-Voltage 8-Channel I2C Switch with Reset
SEPTEMBER 2024
More results


Similar Description - TCA9548APWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9548 PHILIPS-PCA9548 Datasheet
125Kb / 16P
8-channel I2C switch with reset
2004 Sep 30
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
8-channel I2C switch with reset
Rev. 01-15 April 2005
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
8-CHANNEL I2C SWITCH WITH RESET
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
8-CHANNEL I2C SWITCH WITH RESET
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
Low-Voltage 8-Channel I2C Switch with Reset
logo
NXP Semiconductors
PCA9848 NXP-PCA9848 Datasheet
430Kb / 29P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.0 - 16 May 2023
PCA9848BS NXP-PCA9848BS Datasheet
385Kb / 26P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.2 - 23 October 2023
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com