Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4520 Datasheet (PDF) - Texas Instruments

THS4520 Datasheet PDF - Texas Instruments
Part # THS4520
Download  THS4520 Download
File Size   2108.75 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier

THS4520 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4520 Datasheet PDF - Texas Instruments

Part # THS4520
Download  THS4520 Click to download

File Size   2108.75 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier

THS4520 Datasheet (HTML) - Texas Instruments


THS4520 Product details

1 Features
1• Fully Differential Architecture
• Bandwidth: 145 MHz (A V = 1 V/V)
• Slew Rate: 490 V/μs
• HD2: –133 dBc at 10 kHz (1 VRMS, RL = 1 kΩ)
• HD 3: –141 dBc at 10 kHz (1 VRMS, RL = 1 kΩ)
• Input Voltage Noise: 4.6 nV/√Hz (f = 100 kHz)
• THD+N: –112dBc (0.00025%) at 1 kHz (22-kHz
BW, G = 1, 5 VPP)
• Open-Loop Gain: 119 dB (DC)
• NRI—Negative Rail Input
• RRO—Rail-to-Rail Output
• Output Common-Mode Control (with Low Offset)
• Power Supply:
– Voltage: +2.5 V (±1.25 V) to +5.5 V (±2.75 V)
– Current: 1.14 mA/ch
• Power-Down Capability: 20 μA (typical)

2 Applications
. Low-Power SAR and ΔΣ ADC Drivers
. Low-Power Differential Drivers
. Low-Power Differential Signal Conditioning
. Low-Power, High-Performance Differential Audio
Amplifiers

3 Description
The THS4521, THS4522, and THS4524 family of
devices are very low-power, fully differential
amplifiers with rail-to-rail output and an input
common-mode range that includes the negative rail.
These amplifiers are designed for low-power data
acquisition systems and high-density applications
where power dissipation is a critical parameter, and
provide exceptional performance in audio
applications.
The family includes single FDA (THS4521), dual FDA
(THS4522), and quad FDA (THS4524) versions.




Similar Part No. - THS4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4520 TI-THS4520 Datasheet
1,002Kb / 23P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
THS4520 TI1-THS4520 Datasheet
1Mb / 54P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4520 TI1-THS4520 Datasheet
2Mb / 37P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4520 TI1-THS4520 Datasheet
1Mb / 56P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Similar Description - THS4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521-HT TI1-THS4521-HT Datasheet
758Kb / 28P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4521-HT TI-THS4521-HT_15 Datasheet
653Kb / 27P
VERY LOW POWER, NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4524-EP TI1-THS4524-EP_17 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com