Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2410 Datasheet (PDF) - Texas Instruments

THVD2410 Datasheet PDF - Texas Instruments
Part # THVD2410
Download  THVD2410 Download
File Size   2444.86 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THVD24x0 ±70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD

THVD2410 Datasheet (PDF)

Go To PDF Page Download Datasheet
THVD2410 Datasheet PDF - Texas Instruments

Part # THVD2410
Download  THVD2410 Click to download

File Size   2444.86 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THVD24x0 ±70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD

THVD2410 Datasheet (HTML) - Texas Instruments


THVD2410 Product details

1 Features
. Meets or exceeds the requirements of
the TIA/EIA-485A and TIA/EIA-422B standards
. Functional Safety-Capable
. Documentation available to aid functional safety
system design
. 3-V to 5.5-V supply voltage
. Differential output exceeds 2.1 V for PROFIBUS
compatibility with 5-V supply
. Bus I/O protection
. ±70-V DC bus fault
. ±16-kV HBM ESD
. ±12-kV IEC 61000-4-2 contact discharge
. ±12-kV IEC 61000-4-2 air-gap discharge
. ±4-kV IEC 61000-4-4 fast transient burst
. Half-duplex devices
available in two speed grades
. THVD2410: 500 kbps
. THVD2450: 50 Mbps
. Extended ambient
temperature range: -40°C to 125°C
. Extended operational
common-mode range: ±25 V
. Enhanced receiver hysteresis
for noise immunity
. Low power consumption
. Low shutdown supply current: < 1 μA
. Current during operation: < 5.6 mA
. Glitch-free power-up/down for hot plug-in capability
. Open, short, and idle bus failsafe
. Thermal shutdown
. 1/8 unit load (up to 256 bus nodes)
. Small VSON and VSSOP packages to save board
space or SOIC for drop-in compatibility

2 Applications
. Motor drives
. Factory automation and control
. HVAC systems
. Building automation
. Grid infrastructure
. Electricity meters
. Process analytics
. Video surveillance

3 Description
THVD2410 and THVD2450 are ±70-V fault-protected,
half-duplex, RS-422/RS-485 transceivers operating on
a single 3-V to 5.5-V supply. Bus interface pins are
protected against overvoltage conditions during all
modes of operation ensuring robust communication in
rugged industrial environments.
These devices feature integrated IEC ESD protection,
eliminating the need for external system-level
protection components. Extended ±25-V input
common-mode range guarantees reliable data
communication over longer cable run lengths and/or
in the presence of large ground loop voltages.
Enhanced 250-mV receiver hysteresis ensures high
noise rejection. In addition, the receiver fail-safe
feature guarantees a logic high when the inputs are
open or shorted together.
THVD24x0 devices are available in small VSSOP and
VSON packages for space-constrained applications.
These devices are characterized over ambient free-air
temperatures from –40°C to 125°C.




Similar Part No. - THVD2410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
THVD2410DGKR TI1-THVD2410DGKR Datasheet
1Mb / 30P
THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
THVD2410DR TI1-THVD2410DR Datasheet
1Mb / 30P
THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
THVD2410DRBR TI1-THVD2410DRBR Datasheet
1Mb / 30P
THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
THVD2410V TI-THVD2410V Datasheet
1Mb / 35P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
DECEMBER 2022
More results


Similar Description - THVD2410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
70-V Fault-Protected RS-485 Transceivers
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com