Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1705908 Datasheet (PDF) - PHOENIX CONTACT

1705908 Datasheet PDF - PHOENIX CONTACT
Part # 1705908
Download  1705908 Download
File Size   475.89 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/15-ST-5,08 BK AU - PCB connector

1705908 Datasheet (PDF)

Go To PDF Page Download Datasheet
1705908 Datasheet PDF - PHOENIX CONTACT

Part # 1705908
Download  1705908 Click to download

File Size   475.89 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/15-ST-5,08 BK AU - PCB connector

1705908 Datasheet (HTML) - PHOENIX CONTACT


1705908 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Au, contact connection type: Socket, number of potentials:
15, number of rows: 1, number of positions: 15, number of connections: 15, product range:
MSTB 2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of
packaging: packed in cardboard




Similar Part No. - 1705908

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1705923000 WEIDMULLER-1705923000 Datasheet
55Kb / 2P
SAI-4-MHD-4P M12
logo
PHOENIX CONTACT
1705925 PHOENIX-1705925 Datasheet
309Kb / 10P
SPT 2,5/ 4-V-5,0 RD - PCB terminal block
1705926 PHOENIX-1705926 Datasheet
309Kb / 10P
SPT 2,5/ 6-V-5,0 RD - PCB terminal block
logo
Weidmuller
1705933000 WEIDMULLER-1705933000 Datasheet
55Kb / 2P
SAI-4-MHD-4P M12
logo
PHOENIX CONTACT
1705937 PHOENIX-1705937 Datasheet
47Kb / 1P
Spacer plate - DP-PLW 16-6/3 3MM
12/07/2018
More results


Similar Description - 1705908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757145 PHOENIX-1757145 Datasheet
147Kb / 7P
MSTB 2,5/15-ST-5,08
1758856 PHOENIX-1758856 Datasheet
96Kb / 2P
MSTB 2,5/ 2-ST-5,08 BK
1759509 PHOENIX-1759509 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 BK
1759910 PHOENIX-1759910 Datasheet
103Kb / 3P
MSTB 2,5/12-ST-5,08 BK
1758694 PHOENIX-1758694 Datasheet
102Kb / 3P
MSTB 2,5/10-ST-5,08 BK
1758940 PHOENIX-1758940 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST-5,08 BK
1759703 PHOENIX-1759703 Datasheet
97Kb / 2P
MSTB 2,5/14-ST-5,08 BK
1759842 PHOENIX-1759842 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/15-ST-5,08 BK
1767915 PHOENIX-1767915 Datasheet
126Kb / 5P
MSTB 2,5/ 5-ST-5,08 BK AU
1765564 PHOENIX-1765564 Datasheet
47Kb / 3P
Plug - MSTB 2,5/ 3-ST-5,08 BK AU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com