Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M9CD Datasheet (PDF) - Texas Instruments

TLC27M9CD Datasheet PDF - Texas Instruments
Part # TLC27M9CD
Download  TLC27M9CD Download
File Size   1274.08 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS

TLC27M9CD Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC27M9CD Datasheet PDF - Texas Instruments

Part # TLC27M9CD
Download  TLC27M9CD Click to download

File Size   1274.08 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS

TLC27M9CD Datasheet (HTML) - Texas Instruments


TLC27M9CD Product details

1FEATURES
2. Trimmed Offset Voltage
. TLC27M9 . . . 900 μV Max at TA = 25°C,
VDD = 5 V
. Input Offset Voltage Drift . . . Typically
0.1 μV/Month, Including the First 30 Days
. Wide Range of Supply Voltages Over Specified
Temperature Range:
. 0°C to 70°C . . . 3 V to 16 V
. .40°C to 85°C . . . 4 V to 16 V
. .55°C to 125°C . . . 4 V to 16 V
. Single-Supply Operation
. Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
. Low Noise . . . Typically 32 nV/√Hz
at f = 1 kHz
. Low Power . . . Typically 2.1 mW at
TA = 25°C, VDD = 5 V
. Output Voltage Range Includes Negative Rail
. High Input Impedance . . . 1012 Ω Typ
. ESD-Protection Circuitry
. Small-Outline Package Option Also Available
in Tape and Reel
. Designed-In Latch-Up Immunity

DESCRIPTION
The TLC27M4 and TLC27M9 quad operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high input
impedance, low noise, and speeds comparable to
that of general-purpose bipolar devices. These
devices use Texas Instruments silicon-gate
LinCMOS™ technology, which provides offset voltage
stability far exceeding the stability available with
conventional metal-gate processes.
The extremely high input impedance, low bias
currents, make these cost-effective devices ideal for
applications that have previously been reserved for
general-purpose bipolar products, but with only a
fraction of the power consumption.




Similar Part No. - TLC27M9CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M9CD TI-TLC27M9CD Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M9CD TI1-TLC27M9CD Datasheet
1Mb / 50P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M9CD TI1-TLC27M9CD Datasheet
1Mb / 52P
PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M9CD TI-TLC27M9CD Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M9CD TI-TLC27M9CD Datasheet
1Mb / 47P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Similar Description - TLC27M9CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4ACDR TI1-TLC27M4ACDR Datasheet
1Mb / 50P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com