Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59282RGE Datasheet (PDF) - Texas Instruments

TLC59282RGE Datasheet PDF - Texas Instruments
Part # TLC59282RGE
Download  TLC59282RGE Download
File Size   1765.41 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay

TLC59282RGE Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC59282RGE Datasheet PDF - Texas Instruments

Part # TLC59282RGE
Download  TLC59282RGE Click to download

File Size   1765.41 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay

TLC59282RGE Datasheet (HTML) - Texas Instruments


TLC59282RGE Product details

1FEATURES
2• 16 Channels, Constant-Current Sink Output
with On/Off Control
• Capability (Constant-Current Sink):
35 mA (VCC ≤ 3.6 V), 45 mA (VCC > 3.6 V)
• LED Power-Supply Voltage up to 17 V
• VCC = 3 V to 5.5 V
• Constant-Current Accuracy:
– Channel-to-Channel = ±0.6% (typ),
±2% (max)
– Device-to-Device = ±1% (typ), ±3% (max)
• Low Saturation Voltage: 0.31 V at 20 mA (typ)
– TA = +25℃, One Channel On
• CMOS Logic Level I/O
• Data Transfer Rate: 35 MHz
• BLANK Pulse Width: 30 ns
• Four-Channel Grouped Delay for
Noise Reduction
• Operating Temperature: –40°C to +85°C

APPLICATIONS
. Video Displays
. Message Boards
. Illumination

DESCRIPTION
The TLC59282 is a 16-channel, constant-current sink
driver. Each channel can be individually controlled via
a simple serial communications protocol that is
compatible with 3.3 V or 5 V CMOS logic levels,
depending on the operating VCC. Once the serial
data buffer is loaded, a rising edge on LATCH
transfers the data to the LEDx outputs. The BLANK
pin can be used to turn off all OUTn outputs during
power-on and output data latching to prevent
unwanted image displays during these times. The
constant-current value of all 16 channels is set by a
single external resistor. Multiple TLC59282s can be
cascaded together to control additional LEDs from the
same processor.




Similar Part No. - TLC59282RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282RGE TI-TLC59282RGE Datasheet
1Mb / 25P
16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282RGER TI-TLC59282RGER Datasheet
1Mb / 25P
16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282RGER TI1-TLC59282RGER Datasheet
1Mb / 24P
16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282RGET TI1-TLC59282RGET Datasheet
1Mb / 24P
16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
More results


Similar Description - TLC59282RGE

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Texas Instruments
TLC59282 TI-TLC59282 Datasheet
479Kb / 21P
16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59284 TI-TLC59284 Datasheet
975Kb / 23P
16-Channel, Constant-Current LED Driver with Switching Delay
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
Texas Instruments
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
16-Channel Constant-Current LED Driver
logo
Texas Instruments
TLC59282 TI1-TLC59282_15 Datasheet
1Mb / 24P
16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com