Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2313 Datasheet (PDF) - Texas Instruments

TLV2313 Datasheet PDF - Texas Instruments
Part # TLV2313
Download  TLV2313 Download
File Size   2087.01 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx313 Low-Power, Rail-to-Rail In/Out, 500-μV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems

TLV2313 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2313 Datasheet PDF - Texas Instruments

Part # TLV2313
Download  TLV2313 Click to download

File Size   2087.01 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx313 Low-Power, Rail-to-Rail In/Out, 500-μV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems

TLV2313 Datasheet (HTML) - Texas Instruments


TLV2313 Product details

1 Features
1. Precision Amplifier for Cost-Sensitive Systems
. Low IQ: 65 μA/ch
. Wide Supply Range: 1.8 V to 5.5 V
. Low Noise: 26 nV/√Hz at 1 kHz
. Gain Bandwidth: 1 MHz
. Rail-to-Rail Input/Output
. Low Input Bias Current: 1 pA
. Low Offset Voltage: 0.75 mV
. Unity-Gain Stable
. Internal RF/EMI Filter
. Extended Temperature Range:
.40°C to +125°C

2 Applications
. Medical and Healthcare
. Fitness and Wearable Electronics
. Utility Metering (Heat, Water, Energy)
. Building Automation Equipment
. Currency Counters

3 Description
The TLV313 family of single-, dual-, and quadchannel
precision operational amplifiers combine low
power consumption with good performance. This
makes them suitable for a wide range of applications,
such as wearables, utility metering, building
automation, currency counters and more. The family
features rail-to-rail input and output (RRIO) swings,
low quiescent current (65 μA, typical), wide bandwidth
(1 MHz) and very low noise (26 nV/√Hz at 1 kHz),
making it attractive for a variety of battery-powered
applications that require a good balance between
cost and performance. Further, low-input-bias current
enables these devices to be used in applications with
megaohm source impedances.
The robust design of the TLV313 devices provides
ease-of-use to the circuit designer: unity-gain stability
with capacitive loads of up to 150 pF, integrated
RF/EMI rejection filter, no phase reversal in overdrive
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
The devices are optimized for operation at voltages
as low as +1.8 V (±0.9 V) and up to +5.5 V (±2.75 V),
and are specified over the extended temperature
range of .40°C to +125°C.
The single-channel TLV313 device is available in
both SC70-5 and SOT23-5 packages. The dualchannel
TLV2313 device is offered in SOIC-8 and
VSSOP-8 packages, and the quad-channel TLV4313
device is offered in a TSSOP-14 package.




Similar Part No. - TLV2313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2313 TI1-TLV2313 Datasheet
2Mb / 39P
Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV2313 TI1-TLV2313 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV2313-Q1 TI1-TLV2313-Q1 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV2313IDGKR TI1-TLV2313IDGKR Datasheet
2Mb / 39P
Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV2313IDGKT TI1-TLV2313IDGKT Datasheet
2Mb / 39P
Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results


Similar Description - TLV2313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV313 TI1-TLV313 Datasheet
2Mb / 39P
Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001 Datasheet
2Mb / 36P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001_16 Datasheet
2Mb / 37P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313-Q1 TI1-TLV313-Q1 Datasheet
1Mb / 28P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1 Datasheet
1Mb / 26P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA2313-Q1 TI1-OPA2313-Q1 Datasheet
2Mb / 32P
Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313-Q1 TI1-TLV313-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA607 TI-OPA607_V03 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607_V04 Datasheet
3Mb / 48P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com