Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4316-Q1 Datasheet (PDF) - Texas Instruments

TLV4316-Q1 Datasheet PDF - Texas Instruments
Part # TLV4316-Q1
Download  TLV4316-Q1 Download
File Size   1248.58 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx316-Q1 10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers

TLV4316-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV4316-Q1 Datasheet PDF - Texas Instruments

Part # TLV4316-Q1
Download  TLV4316-Q1 Click to download

File Size   1248.58 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx316-Q1 10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers

TLV4316-Q1 Datasheet (HTML) - Texas Instruments


TLV4316-Q1 Product details

1 Features
1. Qualified for Automotive Applications
. AEC-Q100 With the Following Results:
. Device Temperature Grade 1: .40°C to
+125°C Ambient Operating Temperature
Range
. Device HBM ESD Classification Level 3A
. Device CDM ESD Classification Level C5
. Unity-Gain Bandwidth: 10 MHz
. Low IQ: 400 μA/ch
. Excellent Power-to-Bandwidth Ratio
. Stable IQ Over Temperature and Supply
Range
. Wide Supply Range: 1.8 V to 5.5 V
. Low Noise: 12 nV/√Hz at 1 kHz
. Low Input Bias Current: ±10 pA
. Offset Voltage: ±0.75 mV
. Unity-Gain Stable
. Internal RFI and EMI Filter
. Number of Channels:
. TLV316-Q1: 1
. TLV2316-Q1: 2
. TLV4316-Q1: 4
. Extended Temperature Range: .40°C to +125°C

2 Applications
. Automotive Applications:
. ADAS
. Body Electronics and Lighting
. Current Sensing
. Battery Management Systems

3 Description
The TLV316-Q1 (single), TLV2316-Q1 (dual), and
TLV4316-Q1 (quad) devices comprise a family of
general-purpose, low-power operational amplifiers.
Features such as rail-to-rail input and output swings,
low quiescent current (400 μA/ch typical) combined
with a wide bandwidth of 10 MHz, and very-low noise
(12 nV/√Hz at 1 kHz) make this family suitable for a
circuits requiring a good speed and power ratio. The
low input bias current supports operational amplifiers
that are used in applications with megaohm source
impedances. The low-input bias current of the
TLVx316-Q1 yields a very-low current noise to make
the family attractive for high impedance sensor
interfaces.
The robust design of the TLVx316-Q1 provides easeof-
use to the circuit designer: a unity-gain stable,
integrated RFI and EMI rejection filter, no phase
reversal in overdrive condition, and high electrostatic
discharge (ESD) protection (4-kV HBM).
These devices are optimized for low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V). This latest addition of low-voltage CMOS
operational amplifiers to the portfolio, in conjunction
with the TLVx313-Q1 and TLVx314-Q1 series, offer a
family of bandwidth, noise, and power options to
meet the needs of a wide variety of applications.




Similar Part No. - TLV4316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4316-Q1 TI1-TLV4316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
More results


Similar Description - TLV4316-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
logo
Texas Instruments
LMV931 TI-LMV931 Datasheet
725Kb / 26P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com