Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71330PDBVT Datasheet (PDF) - Texas Instruments

TLV71330PDBVT Datasheet PDF - Texas Instruments
Part # TLV71330PDBVT
Download  TLV71330PDBVT Download
File Size   1167.89 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices

TLV71330PDBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV71330PDBVT Datasheet PDF - Texas Instruments

Part # TLV71330PDBVT
Download  TLV71330PDBVT Click to download

File Size   1167.89 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices

TLV71330PDBVT Datasheet (HTML) - Texas Instruments


TLV71330PDBVT Product details

1 Features
1• Stable Operation With or Without Capacitors
• Foldback Overcurrent Protection
• Packages:
– 1-mm × 1-mm 4-Pin X2SON
– 5-Pin SOT-23
• Very Low Dropout: 230 mV at 150 mA
• Accuracy: 1%
• Low IQ: 50 μA
• Input Voltage Range: 1.4 V to 5.5 V
• Available in Fixed-Output Voltages:
1 V to 3.3 V
• High PSRR: 65 dB at 1 kHz
• Active Output Discharge (P Version Only)

2 Applications
. PDAs and Battery-Powered Portable Devices
. MP3 Players and Other Hand-Held Products
. WLAN and Other PC Add-On Cards

3 Description
The TLV713 series of low-dropout (LDO) linear
regulators are low quiescent current LDOs with
excellent line and load transient performance and are
designed for power-sensitive applications. These
devices provide a typical accuracy of 1%.
The TLV713 series of devices is designed to be
stable without an output capacitor. The removal of the
output capacitor allows for a very small solution size.
However, the TLV713 series is also stable with any
output capacitor if an output capacitor is used.
The TLV713 also provides inrush current control
during device power up and enabling. The TLV713
limits the input current to the defined current limit to
avoid large currents from flowing from the input
power source. This functionality is especially
important in battery-operated devices.
The TLV713 series is available in standard DQN and
DBV packages. The TLV713P provides an active
pulldown circuit to quickly discharge output loads.




Similar Part No. - TLV71330PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71330PDBVT TI1-TLV71330PDBVT Datasheet
1Mb / 26P
Capacitor-Free, 150-mA, Low-Dropout Regulator
More results


Similar Description - TLV71330PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com