Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70031DSER Datasheet (PDF) - Texas Instruments

TLV70031DSER Datasheet PDF - Texas Instruments
Part # TLV70031DSER
Download  TLV70031DSER Download
File Size   1061.07 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices

TLV70031DSER Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV70031DSER Datasheet PDF - Texas Instruments

Part # TLV70031DSER
Download  TLV70031DSER Click to download

File Size   1061.07 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices

TLV70031DSER Datasheet (HTML) - Texas Instruments


TLV70031DSER Product details

1 Features
1. Very Low Dropout:
. 43 mV at I OUT = 50 mA, VOUT = 2.8 V
. 85 mV at IOUT = 100 mA, VOUT = 2.8 V
. 175 mV at IOUT = 200 mA, VOUT = 2.35 V
. 2% Accuracy
. Low IQ: 31 μA
. Available in Fixed-Output Voltages from 1.2 V to
4.8 V
. High PSRR: 68 dB at 1 kHz
. Stable With Effective Capacitance of 0.1 μF(1)
. Thermal Shutdown and Overcurrent Protection
. Available in 1.5-mm × 1.5-mm SON-6, SOT23-5,
and SC-70 Packages
(1) See the Input and Output Capacitor Requirements.

2 Applications
. Wireless Handsets
. Smart Phones, PDAs
. ZigBee® Networks
. Bluetooth® Devices
. Li-Ion Operated Handheld Products
. WLAN and Other PC Add-on Cards

3 Description
The TLV700 series of low-dropout (LDO) linear
regulators are low quiescent current devices with
excellent line and load transient performance. These
LDOs are designed for power-sensitive applications.
A precision bandgap and error amplifier provides
overall 2% accuracy. Low output noise, very high power-supply rejection ratio (PSRR), and low dropout
voltage make this series of devices ideal for most
battery-operated handheld equipment. All device
versions have thermal shutdown and current limit for
safety.
Furthermore, these devices are stable with an
effective output capacitance of only 0.1 μF. This feature enables the use of cost-effective capacitors
that have higher bias voltages and temperature
derating. The devices regulate to specified accuracy
with no output load.
The TLV700 series of LDOs are available in 1.5-mm
× 1.5-mm SON-6, SOT-5, and SC70 packages.




Similar Part No. - TLV70031DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70031DSER TI1-TLV70031DSER Datasheet
1Mb / 35P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70031DSER TI1-TLV70031DSER Datasheet
1Mb / 36P
TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70031DSER TI2-TLV70031DSER Datasheet
1Mb / 41P
TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
REVISED APRIL 2015
TLV70031DSER.B TI2-TLV70031DSER.B Datasheet
1Mb / 41P
TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
REVISED APRIL 2015
More results


Similar Description - TLV70031DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700 TI-TLV700_15 Datasheet
1Mb / 36P
TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700 TI1-TLV700_16 Datasheet
1Mb / 36P
TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com