Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1723722 Datasheet (PDF) - PHOENIX CONTACT

1723722 Datasheet PDF - PHOENIX CONTACT
Part # 1723722
Download  1723722 Download
File Size   571.36 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5 HCV/ 4-ST-7,62 L1-PE - PCB connector

1723722 Datasheet (PDF)

Go To PDF Page Download Datasheet
1723722 Datasheet PDF - PHOENIX CONTACT

Part # 1723722
Download  1723722 Click to download

File Size   571.36 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5 HCV/ 4-ST-7,62 L1-PE - PCB connector

1723722 Datasheet (HTML) - PHOENIX CONTACT


1723722 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 1000 V, contact surface: Sn, contact connection type: Socket, number of
potentials: 4, number of rows: 1, number of positions: 4, number of connections: 4, product
range: GMSTB 2,5 HCV/..-ST, pitch: 7.62 mm, connection method: Screw connection with
tension sleeve, screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip:
- Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: without, mounting method:
without, type of packaging: packed in cardboard




Similar Part No. - 1723722

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
172372 AMPHENOL-172372 Datasheet
374Kb / 1P
N MALE TO N FEMALE ADAPTER, LOW PIM
More results


Similar Description - 1723722

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714278 PHOENIX-1714278 Datasheet
86Kb / 5P
Plug - GMSTB 2,5 HCV/ 2-ST-7,62
1714317 PHOENIX-1714317 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 6-ST-7,62
1714346 PHOENIX-1714346 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
1714320 PHOENIX-1714320 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 7-ST-7,62
1714333 PHOENIX-1714333 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 8-ST-7,62
1714375 PHOENIX-1714375 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/12-ST-7,62
1714294 PHOENIX-1714294 Datasheet
666Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 4-ST-7,62
Sep 8, 2022
1714304 PHOENIX-1714304 Datasheet
664Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62
Jan 10, 2023
1812788 PHOENIX-1812788 Datasheet
541Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62-LR
Jan 5, 2023
1812801 PHOENIX-1812801 Datasheet
540Kb / 15P
GMSTB 2,5 HCV/ 7-ST-7,62-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com