Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1742774 Datasheet (PDF) - PHOENIX CONTACT

1742774 Datasheet PDF - PHOENIX CONTACT
Part # 1742774
Download  1742774 Download
File Size   211.9 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/ 3-PVH-5,0-A BD:1-3 - PCB connector

1742774 Datasheet (PDF)

Go To PDF Page Download Datasheet
1742774 Datasheet PDF - PHOENIX CONTACT

Part # 1742774
Download  1742774 Click to download

File Size   211.9 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/ 3-PVH-5,0-A BD:1-3 - PCB connector

1742774 Datasheet (HTML) - PHOENIX CONTACT


1742774 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 400 V, contact surface: Sn, contact connection type: Socket, number of potentials:
3, number of rows: 1, number of positions: 3, number of connections: 3, product range: PT 1,5/..-
PVH-A, pitch: 5 mm, connection method: Screw connection with wire protector, screw head form:
H1L Slotted Phillips recess, conductor/PCB connection direction: 0 °, plug-in system:
COMBICON PST 1,3, locking: without, mounting method: without, type of packaging: packed in
cardboard




Similar Part No. - 1742774

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1742718-1 TEC-1742718-1 Datasheet
75Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
1742732 PHOENIX-1742732 Datasheet
84Kb / 5P
Printed-circuit board connector - PT 1,5/ 2-PVH-5,0-A BD:1-2
1742745 PHOENIX-1742745 Datasheet
211Kb / 7P
PT 1,5/ 4-PVH-5,0-A BD:1-4 - PCB connector
1742758 PHOENIX-1742758 Datasheet
211Kb / 7P
PT 1,5/ 4-PVH-5,0-A BD:5-8 - PCB connector
1742761 PHOENIX-1742761 Datasheet
82Kb / 3P
Printed-circuit board connector - PT 1,5/ 4-PVH-5,0-A BD:9-12
11/04/2018
More results


Similar Description - 1742774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746961 PHOENIX-1746961 Datasheet
57Kb / 4P
Printed-circuit board connector - PT 1,5/ 3-PVH-5,0 BD:VINOUT
1934874 PHOENIX-1934874 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 3-PVH-5,0
1934900 PHOENIX-1934900 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 6-PVH-5,0
1934926 PHOENIX-1934926 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/ 8-PVH-5,0
1934955 PHOENIX-1934955 Datasheet
121Kb / 5P
PT 1,5/11-PVH-5,0
1987478 PHOENIX-1987478 Datasheet
42Kb / 2P
PCB terminal block - PT 1,5/ 3-PVH-5,0-A BK
1987494 PHOENIX-1987494 Datasheet
42Kb / 2P
PCB terminal block - PT 1,5/ 5-PVH-5,0-A BK
1742732 PHOENIX-1742732 Datasheet
84Kb / 5P
Printed-circuit board connector - PT 1,5/ 2-PVH-5,0-A BD:1-2
1742761 PHOENIX-1742761 Datasheet
82Kb / 3P
Printed-circuit board connector - PT 1,5/ 4-PVH-5,0-A BD:9-12
11/04/2018
1984028 PHOENIX-1984028 Datasheet
469Kb / 12P
PCB connector - PT 1,5/ 3-PVH-3,5
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com