Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1746020 Datasheet (PDF) - PHOENIX CONTACT

1746020 Datasheet PDF - PHOENIX CONTACT
Part # 1746020
Download  1746020 Download
File Size   466.21 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBVA 2,5/ 4-G AU - PCB header

1746020 Datasheet (PDF)

Go To PDF Page Download Datasheet
1746020 Datasheet PDF - PHOENIX CONTACT

Part # 1746020
Download  1746020 Click to download

File Size   466.21 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBVA 2,5/ 4-G AU - PCB header

1746020 Datasheet (HTML) - PHOENIX CONTACT


1746020 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Au, contact connection type: Pin, number of potentials: 4, number
of rows: 1, number of positions: 4, number of connections: 4, product range: MSTBVA 2,5/..-G,
pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1746020

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746004 PHOENIX-1746004 Datasheet
48Kb / 2P
Base strip - MSTBVA 2,5/ 3-G AU
1746033 PHOENIX-1746033 Datasheet
49Kb / 3P
Printed-circuit board connector - MSTBVA 2,5/ 4-G-5,08 AU
1746068 PHOENIX-1746068 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 9-ST-5,08 BD:1-9
1746091 PHOENIX-1746091 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVA 2,5/ 7-G-5,08 AU
More results


Similar Description - 1746020

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1924305 PHOENIX-1924305 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 2-G-5,08
Jan 3, 2023
1924321 PHOENIX-1924321 Datasheet
439Kb / 13P
PCB header - MSTBVA 2,5 HC/ 4-G-5,08
Sep 8, 2022
1924402 PHOENIX-1924402 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/12-G-5,08
Jan 3, 2023
1936018 PHOENIX-1936018 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 2-G-5,08-RN
Jan 5, 2023
1936050 PHOENIX-1936050 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 6-G-5,08-RN
Jan 3, 2023
1936089 PHOENIX-1936089 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 9-G-5,08-RN
Jan 10, 2023
1924198 PHOENIX-1924198 Datasheet
359Kb / 11P
PCB header - MSTBVA 2,5 HC/ 2-G
1924334 PHOENIX-1924334 Datasheet
344Kb / 11P
PCB header - MSTBVA 2,5 HC/ 5-G-5,08
1924376 PHOENIX-1924376 Datasheet
344Kb / 11P
PCB header - MSTBVA 2,5 HC/ 9-G-5,08
1944592 PHOENIX-1944592 Datasheet
305Kb / 9P
MSTBVA 2,5/ 2-G-RN - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com