Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1748895 Datasheet (PDF) - PHOENIX CONTACT

1748895 Datasheet PDF - PHOENIX CONTACT
Part # 1748895
Download  1748895 Download
File Size   301.71 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5/ 6-G-5,08 AU - PCB header

1748895 Datasheet (PDF)

Go To PDF Page Download Datasheet
1748895 Datasheet PDF - PHOENIX CONTACT

Part # 1748895
Download  1748895 Click to download

File Size   301.71 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5/ 6-G-5,08 AU - PCB header

1748895 Datasheet (HTML) - PHOENIX CONTACT


1748895 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Au, contact connection type: Pin, number of potentials: 6, number
of rows: 1, number of positions: 6, number of connections: 6, product range: MSTBV 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1748895

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1748891 PHOENIX-1748891 Datasheet
66Kb / 4P
Printed-circuit board connector - ISPC 5/ 5-STGCL-7,62
More results


Similar Description - 1748895

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1748659 PHOENIX-1748659 Datasheet
102Kb / 3P
MSTBV 2,5/ 2-G-5,08 AU
1758034 PHOENIX-1758034 Datasheet
150Kb / 6P
MSTBV 2,5/ 4-G-5,08
1758047 PHOENIX-1758047 Datasheet
151Kb / 6P
MSTBV 2,5/ 5-G-5,08
1758050 PHOENIX-1758050 Datasheet
151Kb / 6P
MSTBV 2,5/ 6-G-5,08
1758092 PHOENIX-1758092 Datasheet
151Kb / 6P
MSTBV 2,5/10-G-5,08
1748772 PHOENIX-1748772 Datasheet
74Kb / 4P
Base strip - MSTBV 2,5/ 4-G-5,08 AU
1748837 PHOENIX-1748837 Datasheet
96Kb / 2P
MSTBV 2,5/ 5-G-5,08 AU
1758212 PHOENIX-1758212 Datasheet
151Kb / 5P
MSTBV 2,5/22-G-5,08
1924567 PHOENIX-1924567 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 6-GF-5,08
Jan 3, 2023
1845374 PHOENIX-1845374 Datasheet
656Kb / 19P
PCB header - MDSTBVA 2,5/ 6-G-5,08
Jan 4, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com