Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1765548 Datasheet (PDF) - PHOENIX CONTACT

1765548 Datasheet PDF - PHOENIX CONTACT
Part # 1765548
Download  1765548 Download
File Size   371.24 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 2-G-5,08 BK AU - PCB header

1765548 Datasheet (PDF)

Go To PDF Page Download Datasheet
1765548 Datasheet PDF - PHOENIX CONTACT

Part # 1765548
Download  1765548 Click to download

File Size   371.24 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 2-G-5,08 BK AU - PCB header

1765548 Datasheet (HTML) - PHOENIX CONTACT


1765548 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Au, contact connection type: Pin, number of potentials: 2, number
of rows: 1, number of positions: 2, number of connections: 2, product range: MSTB 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1765548

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1765502 PHOENIX-1765502 Datasheet
76Kb / 4P
Printed-circuit board connector - TSPC 5/11-STCL-7,62
1765515 PHOENIX-1765515 Datasheet
76Kb / 4P
Printed-circuit board connector - TSPC 5/12-STCL-7,62
1765551 PHOENIX-1765551 Datasheet
86Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 2-ST-5,08 BK AU
1765557 PHOENIX-1765557 Datasheet
70Kb / 5P
Printed-circuit board connector - MC 1,5/13-STZ4-3,81
1765564 PHOENIX-1765564 Datasheet
47Kb / 3P
Plug - MSTB 2,5/ 3-ST-5,08 BK AU
More results


Similar Description - 1765548

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716878 PHOENIX-1716878 Datasheet
60Kb / 4P
Base strip - DFK-MSTB 2,5/ 2-G-5,08 BK
1756243 PHOENIX-1756243 Datasheet
96Kb / 2P
MSTB 2,5/ 2-G BK
1758856 PHOENIX-1758856 Datasheet
96Kb / 2P
MSTB 2,5/ 2-ST-5,08 BK
1759017 PHOENIX-1759017 Datasheet
150Kb / 6P
MSTB 2,5/ 2-G-5,08
1759457 PHOENIX-1759457 Datasheet
96Kb / 2P
MSTB 2,5/ 4-G-5,08 BK
1759460 PHOENIX-1759460 Datasheet
96Kb / 2P
MSTB 2,5/ 6-G-5,08 BK
1710805 PHOENIX-1710805 Datasheet
73Kb / 3P
Feed-through header - MSTB 2,5/15-G-5,08 AU
1741698 PHOENIX-1741698 Datasheet
97Kb / 2P
MSTB 2,5/15-G-5,08 BK
1752441 PHOENIX-1752441 Datasheet
96Kb / 2P
MSTB 2,5/ 6-G BK AU
1758924 PHOENIX-1758924 Datasheet
96Kb / 3P
MSTB 2,5/10-G-5,08 BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com