Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS70T300 Datasheet (PDF) - STMicroelectronics

GS70T300 Datasheet PDF - STMicroelectronics
Part # GS70T300
Download  GS70T300 Download

File Size   91.25 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 70W/100W DC-DC CONVERTERS FAMILY

GS70T300 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS70T300 Datasheet PDF - STMicroelectronics

Part # GS70T300
Download  GS70T300 Click to download

File Size   91.25 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 70W/100W DC-DC CONVERTERS FAMILY

GS70T300 Datasheet (HTML) - STMicroelectronics

GS70T300 Datasheet HTML 1Page - STMicroelectronics GS70T300 Datasheet HTML 2Page - STMicroelectronics GS70T300 Datasheet HTML 3Page - STMicroelectronics GS70T300 Datasheet HTML 4Page - STMicroelectronics GS70T300 Datasheet HTML 5Page - STMicroelectronics GS70T300 Datasheet HTML 6Page - STMicroelectronics GS70T300 Datasheet HTML 7Page - STMicroelectronics GS70T300 Datasheet HTML 8Page - STMicroelectronics GS70T300 Datasheet HTML 9Page - STMicroelectronics GS70T300 Datasheet HTML 10Page - STMicroelectronics

GS70T300 Product details

DESCRIPTION
The GS70/100T300 family includes 70/100W DC-DC converters used to generate isolated output voltages with an output current up to 20A from a wide range input voltage (200 to 400Vdc).
All the GS70/100T300 family modules require an external fuse (1 Amps.) on the input side.

FEATURES
■ High input voltage range bus: 200 to 400Vdc
■ UL, TUV approved
■ High output power (up to 100W)
■ High efficiency (80% min. on GS100T300-5module)
■ Outputvoltagesrange: 3.5-5.2-12-15-24and 48V
■ Output voltage adjustable by external pin
■ Remote load voltage sense compensation
■ Output short-circuit protection
■ Output overvoltage protection
■ Undervoltage lock-out
■ Minimal overshoot during load transients
■ 3750VRMS input to output isolation voltage
■ Internal input and output filtering
■ Softstart
■ PCB or chassis mountable
■ Mechanical Dimensions 101,6 • 50,8 • 20 mm (4,00 • 2,00 • 0,79 inches)




Similar Part No. - GS70T300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
GS7000-CQT ETC-GS7000-CQT Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
GS7000-CTT ETC-GS7000-CTT Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
logo
SHOUDING Shouding Semic...
GS7001-84 SHOUDING-GS7001-84 Datasheet
1Mb / 10P
   High Accuracy Lin ear Li-Lo n Batte ry Cha rger
logo
Gennum Corporation
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
More results


Similar Description - GS70T300

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
   54-100W DC/DC Isolated Converters
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
   66-100W Wide Input DC/DC Converters
logo
Vicor Corporation
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
   36-100W High Efficiency DC/DC Converters
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
   50 & 100W 14.4 to 36VDC Input DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Toppower Electronic Tec...
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com