Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1800921 Datasheet (PDF) - PHOENIX CONTACT

1800921 Datasheet PDF - PHOENIX CONTACT
Part # 1800921
Download  1800921 Download
File Size   1679.92 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5/ 6-ST-5,08 BK - PCB connector

1800921 Datasheet (PDF)

Go To PDF Page Download Datasheet
1800921 Datasheet PDF - PHOENIX CONTACT

Part # 1800921
Download  1800921 Click to download

File Size   1679.92 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5/ 6-ST-5,08 BK - PCB connector

1800921 Datasheet (HTML) - PHOENIX CONTACT


1800921 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 1, number of positions: 6, number of connections: 6, product range: MSTBT
2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1800921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1800920 PHOENIX-1800920 Datasheet
57Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 5-ST BK
More results


Similar Description - 1800921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1781043 PHOENIX-1781043 Datasheet
147Kb / 11P
Plug - MSTBT 2,5/ 8-ST-5,08
1779990 PHOENIX-1779990 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
1780002 PHOENIX-1780002 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
1919899 PHOENIX-1919899 Datasheet
133Kb / 3P
MSTBT 2,5/18-ST-5,08
1914836 PHOENIX-1914836 Datasheet
125Kb / 3P
MSTBT 2,5/ 3-ST BK
1800934 PHOENIX-1800934 Datasheet
59Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 2-ST-5,08 BK
1948064 PHOENIX-1948064 Datasheet
59Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 6-STF-5,08 BK
1962642 PHOENIX-1962642 Datasheet
1Mb / 31P
PCB connector - TFKC 2,5/ 6-ST-5,08
Jan 3, 2023
1975118 PHOENIX-1975118 Datasheet
1Mb / 31P
FKCS 2,5/ 6-ST-5,08 - PCB connector
1912883 PHOENIX-1912883 Datasheet
371Kb / 12P
MVSTBW 2,5 HC/ 6-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com