Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC8021SM Datasheet (PDF) - ON Semiconductor

MOC8021SM Datasheet PDF - ON Semiconductor
Part # MOC8021SM
Download  MOC8021SM Download
File Size   404.78 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Pin DIP Photodarlington Optocoupler (No Base Connection)

MOC8021SM Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC8021SM Datasheet PDF - ON Semiconductor

Part # MOC8021SM
Download  MOC8021SM Click to download

File Size   404.78 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Pin DIP Photodarlington Optocoupler (No Base Connection)

MOC8021SM Datasheet (HTML) - ON Semiconductor


MOC8021SM Product details

Features
■ High BV CEO:
– Minimum 50 V (MOC8021M)
– Minimum 80 V (MOC8050M)
■ High Current Transfer Ratio:
– Minimum 1000% (MOC8021M)
– Minimum 500% (MOC8050M)
■ No Base Connection for Improved Noise Immunity
■ Safety and Regulatory Approvals:
– UL1577, 4,170 VACRMS for 1 Minute
– DIN-EN/IEC60747-5-5, 850 V Peak Working Insulation Voltage

Description
The MOC8021M and MOC8050M are photodarlington-type optically coupled optocouplers. The devices have a gallium arsenide infrared emitting diode coupled with a silicon darlington phototransistor.

Applications
■ Appliances, Measuring Instruments
■ I/O Interface for Computers
■ Programmable Controllers
■ Portable Electronics
■ Interfacing and Coupling Systems of Different Potentials and Impedance
■ Solid State Relays




Similar Part No. - MOC8021SM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8021 MOTOROLA-MOC8021 Datasheet
271Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
Fairchild Semiconductor
MOC8021 FAIRCHILD-MOC8021 Datasheet
66Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
Vishay Siliconix
MOC8021 VISHAY-MOC8021 Datasheet
115Kb / 6P
Optocoupler, Photodarlington Output, High Gain
26-Oct-04
logo
Fairchild Semiconductor
MOC8021 FAIRCHILD-MOC8021 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8021 ISOCOM-MOC8021 Datasheet
395Kb / 4P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Similar Description - MOC8021SM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
6-Pin DIP Optoisolator Darlington Output(No Base Connection)
MOC8020 MOTOROLA-MOC8020 Datasheet
271Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8111 MOTOROLA-MOC8111 Datasheet
276Kb / 6P
6-Pin DIP Optoisolators Transistor Output(No Base Connection)
logo
Fairchild Semiconductor
MOC8020 FAIRCHILD-MOC8020_1 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
MOC119M FAIRCHILD-MOC119M Datasheet
235Kb / 8P
Photodarlington Optocoupler (No Base Connection)
MOC8021M FAIRCHILD-MOC8021M Datasheet
259Kb / 9P
Photodarlington Optocoupler (No Base Connection)
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com