Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3701-Q1 Datasheet (PDF) - Texas Instruments

TLV3701-Q1 Datasheet PDF - Texas Instruments
Part # TLV3701-Q1
Download  TLV3701-Q1 Download
File Size   653.85 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV3501A-Q1 4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages

TLV3701-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3701-Q1 Datasheet PDF - Texas Instruments

Part # TLV3701-Q1
Download  TLV3701-Q1 Click to download

File Size   653.85 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV3501A-Q1 4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages

TLV3701-Q1 Datasheet (HTML) - Texas Instruments


TLV3701-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
– Device HBM Classification Level 2
– Device CDM Classification Level C4B
• High Speed: 4.5 ns
• Rail-To-Rail I/O DC•
Supply Voltage: 2.7 V to 5.5 V
• Push-Pull CMOS Output Stage
• Shutdown
• Micro Package: SOT23-6
• Low Supply Current: 3.2 mA
• Z-Suffix Offers Improved Delamination

2 Applications
• HEV/EV and Powertrain Applications
• DC-DC Converter
• Inverter
• Fuel Sensing
• Hybrid Power Control Unit
• Automatic Test Equipment
• Threshold Detector
• Zero-Crossing Detector
• Window Comparator

3 Description
The TLV3501A-Q1 push-pull output comparator
features a fast 4.5-ns propagation delay and operation from 2.7 V to 5.5 V. The input voltage
supports a common-mode range that goes beyond
the rails which makes the device an ideal choice for
low-voltage applications. The rail-to-rail output directly
drives either CMOS or TTL logic. The fast delay and
wide common-mode range also makes TLV3501A-Q1
device ideal for EMI reduction through frequency
dithering by lowering the EMI peaks. These
parameters allow the device to be ideal for both DC•
DC converter and inverter applications in HEV/EV and powertrain.
The SOT23-6 microsized package provides options for portable and space-restricted applications. The Z-
suffix offers reduced delamination compared to the
standard device.




Similar Part No. - TLV3701-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
948Kb / 16P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Similar Description - TLV3701-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI-TLV3502-Q1_15 Datasheet
957Kb / 23P
TLV3502-Q1, 4.5-ns Rail-to-Rail High-Speed Comparator
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250 Datasheet
255Kb / 12P
Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
June, 2018 ??Rev. 5
NCS2250 ONSEMI-NCS2250_V01 Datasheet
418Kb / 13P
Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com