Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3492AID Datasheet (PDF) - Texas Instruments

TLV3492AID Datasheet PDF - Texas Instruments
Part # TLV3492AID
Download  TLV3492AID Download
File Size   1294.57 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV349x 1.8-V, Nanopower, Push-Pull Output Comparator

TLV3492AID Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3492AID Datasheet PDF - Texas Instruments

Part # TLV3492AID
Download  TLV3492AID Click to download

File Size   1294.57 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV349x 1.8-V, Nanopower, Push-Pull Output Comparator

TLV3492AID Datasheet (HTML) - Texas Instruments


TLV3492AID Product details

1 Features
1• Very Low Supply Current: 0.8 μA (Typical)
• Input Common-Mode Range: 200-mV Beyond
Supply Rails
• Supply Voltage: 1.8 V to 5.5 V
• High Speed: 6 μs
• Push-Pull CMOS Output Stage
• Small Packages:
– 5-Pin SOT-23 (Single)
– 8-Pin SOT-23 (Dual)

2 Applications
• Portable Medical Equipment
• Wireless Security Systems
• Remote Control Systems
• Handheld Instruments
• Ultra-Low Power Systems

3 Description
The TLV349x family of push-pull output comparators
features a fast 6-μs response time and < 1.2-μA
(maximum) nanopower capability, allowing operation
from 1.8 V to 5.5 V. Input common-mode range
beyond supply rails make the TLV349x an ideal
choice for low-voltage applications.
Micro-sized packages provide options for portable
and space-restricted applications. The single
(TLV3491) is available in 5-pin SOT-23 and 8-pin
SOIC packages. The dual (TLV3492) comes in 8-pin
SOT-23 and SOIC packages. The quad (TLV3494) is
available in both 14-pin TSSOP and SOIC packages.
The TLV349x is excellent for power-sensitive, lowvoltage
(two-cell) applications.




Similar Part No. - TLV3492AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3492AID BURR-BROWN-TLV3492AID Datasheet
494Kb / 15P
1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3492AID TI1-TLV3492AID Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3492AIDCNR BURR-BROWN-TLV3492AIDCNR Datasheet
494Kb / 15P
1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3492AIDCNR TI1-TLV3492AIDCNR Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3492AIDCNRG4 TI1-TLV3492AIDCNRG4 Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results


Similar Description - TLV3492AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
logo
Texas Instruments
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491A-EP TI1-TLV3491A-EP_17 Datasheet
528Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com