Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2373IDGS Datasheet (PDF) - Texas Instruments

TLV2373IDGS Datasheet PDF - Texas Instruments
Part # TLV2373IDGS
Download  TLV2373IDGS Download
File Size   2478.11 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown

TLV2373IDGS Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2373IDGS Datasheet PDF - Texas Instruments

Part # TLV2373IDGS
Download  TLV2373IDGS Click to download

File Size   2478.11 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown

TLV2373IDGS Datasheet (HTML) - Texas Instruments


TLV2373IDGS Product details

1 Features
1• Rail-to-Rail Input and Output
• Wide Bandwidth: 3 MHz
• High Slew Rate: 2.4 V/μs
• Supply Voltage Range: 2.7 V to 16 V
• Supply Current: 550 μA/Channel
• Low-Power Shutdown Mode
– IDD(SHDN): 25 μA/Channel
• Input Noise Voltage: 39 nV/√Hz
• Input Bias Current: 1 pA
• Specified Temperature Range:
– −40°C to +125°C (Industrial Grade)
• Ultra-Small Packaging:
– 5- or 6-Pin SOT-23 (TLV2370, TLV2371)
– 8- or 10-Pin MSOP (TLV2372, TLV2373)

2 Applications
• White Goods
• Handheld Test Equipment
• Portable Blood Glucose Systems
• Remote Sensing
• Active Filters
• Industrial Automation
• Battery-Powered Electronics

3 Description
The TLV237x single-supply operational amplifiers
provide rail-to-rail input and output capability. The
TLV237x takes the minimum operating supply voltage
down to 2.7 V over the extended industrial
temperature range while adding the rail-to-rail output
swing feature. The TLV237x also provides 3-MHz
bandwidth from only 550 μA. The maximum
recommended supply voltage is 16 V, which allows
the devices to be operated from (±8-V supplies down
to ±1.35 V) a variety of rechargeable cells.
The CMOS inputs enable use in high-impedance
sensor interfaces, with the lower voltage operation
making an ideal alternative for the TLC227x in
battery-powered applications. The rail-to-rail input
stage further increases its versatility. The TLV237x is
the seventh member of a rapidly growing number of
RRIO products available from TI, and it is the first to
allow operation up to 16-V rails with good ac
performance.
All members are available in PDIP and SOIC with the
singles in the small SOT-23 package, duals in the
MSOP, and quads in the TSSOP package.
The 2.7-V operation makes the TLV237x compatible
with Li-Ion powered systems and the operating supply
voltage range of many micro-power microcontrollers
available today including TI’s MSP430.




Similar Part No. - TLV2373IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2373IDGS TI-TLV2373IDGS Datasheet
871Kb / 28P
FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGS TI-TLV2373IDGS Datasheet
955Kb / 31P
FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGS TI1-TLV2373IDGS Datasheet
2Mb / 58P
500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2373IDGSG4 TI-TLV2373IDGSG4 Datasheet
955Kb / 31P
FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGSG4 TI1-TLV2373IDGSG4 Datasheet
2Mb / 58P
500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
More results


Similar Description - TLV2373IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
TLV2370 TI1-TLV2370_16 Datasheet
2Mb / 58P
500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com