Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6004IPWR Datasheet (PDF) - Texas Instruments

TLV6004IPWR Datasheet PDF - Texas Instruments
Part # TLV6004IPWR
Download  TLV6004IPWR Download
File Size   2100.58 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems

TLV6004IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV6004IPWR Datasheet PDF - Texas Instruments

Part # TLV6004IPWR
Download  TLV6004IPWR Click to download

File Size   2100.58 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems

TLV6004IPWR Datasheet (HTML) - Texas Instruments


TLV6004IPWR Product details

1 Features
1• Precision Amplifiers for Cost-Sensitive Systems
• Low Quiescent Current: 75 μA/ch
• Supply Range: 1.8 V to 5.5 V
• Input Voltage Noise Density: 28 nV/√Hz at 1 kHz
• Rail-to-Rail Input and Output
• Gain Bandwidth: 1 MHz
• Low Input Bias Current: 1 pA
• Low Offset Voltage: 0.75 mV
• Unity-Gain Stable
• Internal RF and EMI Filter
• Extended Temperature Range:
–40°C to +125°C

2 Applications
• Industrial and Consumer Electronics
• Portable Equipment
• Portable Blood Glucose Systems
• Smoke Detectors
• White Goods
• Power Banks

3 Description
The TLV600x family of single-, dual-, and quadchannel
operational amplifiers is specifically designed
for general-purpose applications. Featuring rail-to-rail
input and output (RRIO) swings, low quiescent
current (75 μA, typical), wide bandwidth (1 MHz) and
low noise (28 nV/√Hz at 1 kHz), this family is
attractive for a variety of applications that require a
good balance between cost and performance, such
as consumer electronics, smoke detectors, and white
goods. The low-input-bias current (±1.0 pA, typical)
enables the TLV600x to be used in applications with
megaohm source impedances.
The robust design of the TLV600x provides ease-ofuse
to the circuit designer: unity-gain stability with
capacitive loads of up to 150 pF, integrated RF/EMI
rejection filter, no phase reversal in overdrive
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
The devices are optimized for operation at voltages
as low as 1.8 V (±0.9 V) and up to 5.5 V (±2.75 V),
and are specified over the extended temperature
range of –40°C to +125°C.
The single-channel TLV6001 is available in SC70-5
and SOT23-5 packages. The dual-channel TLV6002
is offered in SOIC-8 and VSSOP-8 packages, and the
quad-channel TLV6004 is offered in a TSSOP-14
package.




Similar Part No. - TLV6004IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6004IPWR TI1-TLV6004IPWR Datasheet
2Mb / 36P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6004IPWR TI1-TLV6004IPWR Datasheet
2Mb / 37P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results


Similar Description - TLV6004IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV313 TI1-TLV313 Datasheet
2Mb / 39P
Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001 Datasheet
2Mb / 36P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001_16 Datasheet
2Mb / 37P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313-Q1 TI1-TLV313-Q1 Datasheet
1Mb / 28P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1 Datasheet
1Mb / 26P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA2313-Q1 TI1-OPA2313-Q1 Datasheet
2Mb / 32P
Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313-Q1 TI1-TLV313-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA607 TI-OPA607_V03 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607_V04 Datasheet
3Mb / 48P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com