Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6741 Datasheet (PDF) - Texas Instruments

TLV6741 Datasheet PDF - Texas Instruments
Part # TLV6741
Download  TLV6741 Download
File Size   4816.71 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier

TLV6741 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV6741 Datasheet PDF - Texas Instruments

Part # TLV6741
Download  TLV6741 Click to download

File Size   4816.71 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier

TLV6741 Datasheet (HTML) - Texas Instruments


TLV6741 Product details

1 Features
• Low broadband noise: 3.5 nV/√Hz
• Gain bandwidth: 10 MHz
• Low input bias current: ±3 pA
• Low offset voltage: 0.15 mV
• Low offset voltage drift: ±0.2 μV/°C
• Rail-to-rail output
• Unity-gain stable
• Low IQ:
– TLV6741: 890 μA/ch
– TLV6742/4: 990 μA/ch
• Wide supply range:
– TLV6741: 2.25 V to 5.5 V
– TLV6742/4: 1.7 V to 5.5 V
• Robust EMIRR performance: 71 dB at 2.4 GHz

2 Applications
• Solid state drive
• Wearables (non-medical)
• Professional audio amplifier (rack mount)
• Transimpedance Amplifier Circuit
• Test and measurement
• Motor drives
• Pressure transmitter
• Lab and field instrumentation
• Bridge amplifier circuit
• Gaming applications

3 Description
The TLV674x family includes single (TLV6741), dual
(TLV6742), and quad-channel (TLV6744) generalpurpose
CMOS operational amplifiers (op amp) that
provide a low noise figure of 3.5 nV/√Hz and a
wide bandwidth of 10 MHz. The low noise and
wide bandwidth make the TLV674x family of devices
attractive for a variety of precision applications
that require a good balance between cost and
performance. Additionally, the input bias current of the
TLV674x family supports applications with high source
impedance.
The robust design of the TLV674x family provides
ease-of-use to the circuit designer due to its unity-gain
stability, integrated RFI/EMI rejection filter, no phase
reversal in overdrive conditions and high electrostatic
discharge (ESD) protection (2-kV HBM). Additionally,
the resistive open-loop output impedance makes them
easy to stabilize with much higher capacitive loads.
This op amp family is optimized for low-voltage
operation as low as 2.25 V (±1.125 V) for the
TLV6741 and 1.7 V (±0.85 V) for the TLV6742 and
TLV6744. All of the devices operate up to 5.5 V (±2.75
V), and are specified over the temperature range of
–40°C to 125°C.
The single-channel TLV6741 is available in a smallsize
SC70-5 package. The dual-channel TLV6742 is
available in multiple package options including a tiny
1.5 mm × 2.0 mm X2QFN package.




Similar Part No. - TLV6741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
1Mb / 28P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
2Mb / 48P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
4Mb / 55P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
4Mb / 58P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results


Similar Description - TLV6741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V01 Datasheet
2Mb / 48P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V03 Datasheet
4Mb / 58P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V04 Datasheet
4Mb / 58P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V05 Datasheet
4Mb / 58P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com