Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569DRLT Datasheet (PDF) - Texas Instruments

TLV62569DRLT Datasheet PDF - Texas Instruments
Part # TLV62569DRLT
Download  TLV62569DRLT Download
File Size   1296.73 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV62569 2-A High Efficiency Synchronous Buck Converter in SOT Package

TLV62569DRLT Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV62569DRLT Datasheet PDF - Texas Instruments

Part # TLV62569DRLT
Download  TLV62569DRLT Click to download

File Size   1296.73 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV62569 2-A High Efficiency Synchronous Buck Converter in SOT Package

TLV62569DRLT Datasheet (HTML) - Texas Instruments


TLV62569DRLT Product details

1 Features
1• Up to 95% Efficiency
• Low RDS(ON) Switches 100 mΩ / 60 mΩ
• 2.5-V to 5.5-V Input Voltage Range
• Adjustable Output Voltage from 0.6 V to VIN
• Power Save Mode for Light Load Efficiency
• 100% Duty Cycle for Lowest Dropout
• 35-μA Operating Quiescent Current
• 1.5-MHz Typical Switching Frequency
• Power Good Output
• Over Current Protection
• Internal Soft Startup
• Thermal Shutdown Protection
• Available in SOT Package
• Pin-to-Pin Compatible with TLV62568
• Create a Custom Design Using the TLV62569
With the WEBENCH® Power Designer

2 Applications
• General Purpose POL Supply
• Set Top Box
• Network Video Camera
• Wireless Router
• Hard Disk Driver

3 Description
The TLV62569 device is a synchronous step-down
buck DC-DC converter optimized for high efficiency
and compact solution size. The device integrates
switches capable of delivering an output current up to
2 A.
At medium to heavy loads, the device operates in
pulse width modulation (PWM) mode with 1.5-MHz
switching frequency. At light load, the device
automatically enters Power Save Mode (PSM) to
maintain high efficiency over the entire load current
range. In shutdown, the current consumption is
reduced to less than 2 μA.
The TLV62569 provides an adjustable output voltage
via an external resistor divider. An internal soft start
circuit limits the inrush current during startup. Other
features like over current protection, thermal
shutdown protection and power good are built-in. The
device is available in a SOT23 and SOT563 package.




Similar Part No. - TLV62569DRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569DRLT TI1-TLV62569DRLT Datasheet
1Mb / 25P
2-A High Efficiency Synchronous Buck Converter in SOT Package
More results


Similar Description - TLV62569DRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com