Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7011DCKT Datasheet (PDF) - Texas Instruments

TLV7011DCKT Datasheet PDF - Texas Instruments
Part # TLV7011DCKT
Download  TLV7011DCKT Download
File Size   2953.82 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators

TLV7011DCKT Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV7011DCKT Datasheet PDF - Texas Instruments

Part # TLV7011DCKT
Download  TLV7011DCKT Click to download

File Size   2953.82 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators

TLV7011DCKT Datasheet (HTML) - Texas Instruments


TLV7011DCKT Product details

1 Features
1• Ultra-small packages: X2SON (0.8 × 0.8 mm2) ,
WSON (2 × 2 mm2)
• Standard packages: SOT23, SC70, VSSOP
• Wide supply voltage range of 1.6 V to 6.5 V
• Quiescent supply current of 5 μA
• Low propagation delay of 260 ns
• Rail-to-rail common-mode input voltage
• Internal hysteresis
• Push-pull and open-drain output options
• No phase reversal for over driven inputs
• –40°C to 125°C Operating ambient temperature

2 Applications
• Mobile phones and tablets
• Portable and battery-powered devices
• IR receivers
• Level translators
• Threshold detectors and discriminators
• Window comparators
• Zero-crossing detectors

3 Description
The TLV7011/7021 (single-channel) and
TLV7012/7022 (dual-channel) are micro-power
comparators that feature low-voltage operation with
rail-to-rail input capability. These comparators are
available in an ultra-small, leadless package
measuring 0.8 mm × 0.8 mm and standard leaded
packages, making them applicable for space-critical
designs like smartphones and other portable or
battery-powered applications.
The TLV701x and TLV702x offer an excellent speedto-
power combination with a propagation delay of 260
ns and a quiescent supply current of 5 μA. This
combination of fast response time at micropower
enables power conscious systems to monitor and
respond quickly to fault conditions. With an operating
voltage range of 1.6 V to 6.5 V, these comparators
are compatible with 3-V and 5-V systems.
These comparators also feature no output phase
inversion with overdriven inputs and internal
hysteresis. These features make this family of
comparators well suited for precision voltage
monitoring in harsh, noisy environments where slowmoving
input signals must be converted into clean
digital outputs.
The TLV701x have push-pull output stages capable
of sinking and sourcing milliamps of current when
controlling an LED or driving a capacitive load. The
TLV702x have open-drain output stages that can be
pulled beyond VCC, making it appropriate for level
translators and bipolar to single-ended converters.




Similar Part No. - TLV7011DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7011DCKT TI1-TLV7011DCKT Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7011DCKT TI1-TLV7011DCKT Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7011DCKT TI1-TLV7011DCKT Datasheet
1Mb / 41P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7011DCKT TI1-TLV7011DCKT Datasheet
2Mb / 42P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7011DCKT TI-TLV7011DCKT Datasheet
2Mb / 44P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
More results


Similar Description - TLV7011DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7011 TI1-TLV7011_18 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7031 TI1-TLV7031_18 Datasheet
1Mb / 34P
Small Size, nanoPower, Low-Voltage Comparators
TLV7011 TI1-TLV7011_19 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7031 TI1-TLV7031_19 Datasheet
1Mb / 42P
Small Size, Nanopower, Low-Voltage Comparators
TLV7031_1904 TI1-TLV7031_1904 Datasheet
1Mb / 45P
TLV703x and TLV704x Small Size, Nanopower, Low-Voltage Comparators
TLV7011 TI1-TLV7011_V01 Datasheet
1Mb / 41P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7011 TI1-TLV7011_V02 Datasheet
2Mb / 42P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7031 TI-TLV7031_V02 Datasheet
2Mb / 51P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7011 TI-TLV7011_V03 Datasheet
2Mb / 44P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
TLV7011 TI-TLV7011_V04 Datasheet
2Mb / 44P
TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com