Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9152 Datasheet (PDF) - Texas Instruments

TLV9152 Datasheet PDF - Texas Instruments
Part # TLV9152
Download  TLV9152 Download
File Size   6322.67 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp

TLV9152 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9152 Datasheet PDF - Texas Instruments

Part # TLV9152
Download  TLV9152 Click to download

File Size   6322.67 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp

TLV9152 Datasheet (HTML) - Texas Instruments


TLV9152 Product details

1 Features
• Low offset voltage: ±125 μV
• Low offset voltage drift: ±0.3 μV/°C
• Low noise: 10.5 nV/√Hz at 1 kHz
• High common-mode rejection: 120 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• Wide bandwidth: 4.5-MHz GBW
• High slew rate: 20 V/μs
• Low quiescent current: 560 μA per amplifier
• Wide supply: ±1.35 V to ±8 V, 2.7 V to 16 V
• Robust EMIRR performance: EMI/RFI filters on
input pins
• Differential and common-mode input voltage range
to supply rail
• Industry standard packages:
– Single in SOT-23-5, SOT-23-6, and SC70-5
– Dual in SOIC-8, SOT-23-8, TSSOP-8,
VSSOP-8, WSON-8, and X2QFN-10
– Quad in SOIC-14, SOT-23-14, TSSOP-14, and
X2QFN-14

2 Applications
• Professional microphones and wireless systems
• Multiplexed data-acquisition systems
• Test and measurement equipment
• Factory automation and control
• High-side and low-side current sensing

3 Description
The TLV915x family (TLV9151, TLV9152, and
TLV9154) is a family of 16-V, general purpose
operational amplifiers. These devices offer
exceptional DC precision and AC performance,
including rail-to-rail output, low offset (±125 μV,
typical), low offset drift (±0.3 μV/°C, typical), and 4.5-
MHz bandwidth.
Convenient features such as wide differential inputvoltage
range, high output current (±75 mA), high
slew rate (20 V/μs), and low noise (10.5 nV/√Hz)
make the TLV915x a robust, low-noise operational
amplifier for industrial applications.
The TLV915x family of op amps is available in
standard packages and is specified from –40°C to
125°C.




Similar Part No. - TLV9152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152 TI1-TLV9152 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152 TI1-TLV9152 Datasheet
1Mb / 38P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9152 TI1-TLV9152 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152 TI-TLV9152 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results


Similar Description - TLV9152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151_V01 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V02 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V03 Datasheet
4Mb / 63P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V04 Datasheet
5Mb / 72P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V05 Datasheet
5Mb / 76P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151-Q1 TI-TLV9151-Q1 Datasheet
3Mb / 49P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1_V01 Datasheet
3Mb / 52P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151 TI-TLV9151_V06 Datasheet
5Mb / 77P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
JANUARY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com