Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9302 Datasheet (PDF) - Texas Instruments

TLV9302 Datasheet PDF - Texas Instruments
Part # TLV9302
Download  TLV9302 Download
File Size   3459.82 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems

TLV9302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9302 Datasheet PDF - Texas Instruments

Part # TLV9302
Download  TLV9302 Click to download

File Size   3459.82 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems

TLV9302 Datasheet (HTML) - Texas Instruments


TLV9302 Product details

1 Features
• Low offset voltage: ±0.5 mV
• Low offset voltage drift: ±2 μV/°C
• Low noise: 33 nV/√Hz at 1 kHz
• High common-mode rejection: 110 dB
• Low bias current: ±10 pA
• Rail-to-rail output
• Wide bandwidth: 1-MHz GBW
• High slew rate: 3 V/μs
• Low quiescent current: 150 μA per amplifier
• Wide supply: ±2.25 V to ±20 V, 4.5 V to 40 V
• Robust EMI performance: 72 dB at 1 GHz
• MUX-friendly/comparator inputs:
– Differential and common-mode input voltage
range to supply rail
• Industry-standard packages:
– Single in SOT-23-5 and SC70
– Dual in SOIC-8, TSSOP-8, and VSSOP-8
– Quad in SOIC-14 and TSSOP-14

2 Applications
• Merchant network and server PSU
• Industrial AC-DC
• Merchant DC/DC
• Motor drives: AC and servo drive power supplies
• Building automation

3 Description
The TLV930x family (TLV9301, TLV9302, and
TLV9304) is a family of 40-V, cost-optimized
operational amplifiers. These devices offer strong
general-purpose DC and AC specifications, including
rail-to-rail output, low offset (±0.5 mV, typ), low offset
drift (±2 μV/°C, typ), and 1-MHz bandwidth.
Convenient features such as wide differential inputvoltage
range, high output current (±60 mA), and
high slew rate (3 V/μs) make the TLV930x a robust
operational amplifier for high-voltage, cost-sensitive
applications.
The TLV930x family of op amps is available in
standard packages and is specified from –40°C to
125°C.




Similar Part No. - TLV9302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9302 TI1-TLV9302 Datasheet
997Kb / 30P
40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
TLV9302 TI1-TLV9302 Datasheet
2Mb / 48P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9302 TI1-TLV9302 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9302 TI1-TLV9302 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9302 TI-TLV9302 Datasheet
3Mb / 55P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Similar Description - TLV9302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
TLV9301 TI1-TLV9301_V01 Datasheet
2Mb / 48P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI1-TLV9301_V03 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9352 TI1-TLV9352_V01 Datasheet
2Mb / 45P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352_V02 Datasheet
3Mb / 52P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351_V01 Datasheet
3Mb / 53P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9301 TI-TLV9301_V04 Datasheet
3Mb / 55P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9361 TI-TLV9361 Datasheet
3Mb / 54P
TLV936x 10-MHz, 40-V, RRO, Operational Amplifier for Cost-Sensitive Systems
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com